Electronic Components Datasheet Search
  English  ▼

X  

A7108 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # A7108
Description  315/433/868/915MHz FSK/GFSK Transceiver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A7108 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button A7108 Datasheet HTML 5Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 6Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 7Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 8Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 9Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 10Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 11Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 12Page - List of Unclassifed Manufacturers A7108 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
A7108
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
AMICCOM Electronics Corporation
9
X’TAL Capacitor Load (Cload)
Recommended
20
pF
PN @100k offset
90
dBc/Hz
PN @1M offset
110
dBc/Hz
433MHz PLL Phase noise
(loop component:
R1=820,C1=33nF,C2=2.2nF)
PN @10M offset
130
dBc/Hz
PN @100k offset
85
dBc/Hz
PN @1M offset
105
dBc/Hz
868MHz PLL Phase noise
(loop component:
R1=560,C1=47nF,C2=3.3nF)
PN @10M offset
125
dBc/Hz
PLL Settling Time @settle to 25kHz
Standby to PLL
35
us
Reference spur
80
dBc
Transmitter
433MHz (excluding LPF and HPF)
-12
13
20
dB
TX Power Range
868MHz (excluding LPF and HPF)
-16
12
20
dB
TX Settling Time
PLL to TX
30
ms
f < 1GHz (RBW =100kHz)
-36
dBm
47MHz< f <74MHz
87.5MHz< f <118MHz
174MHz< f <230MHz
470MHz< f <862MHz
(RBW =100kHz)
-54
dBm
Above 1GHz (RBW = 1MHz)
-30
dBm
2
nd Harmonic
-30
dBm
TX Spurious Emission
1. Pout = 12 dBm
2. With LPF and HPF
3
rd Harmonic
-30
dBm
Receiver
50K Mode
100
100K Mode
200
150K Mode
300
IF Frequency
250K Mode
500
KHz
50K Mode (10 ppm Xtal needed)
50
100K Mode
100
150K Mode
150
IF Filter Bandwidth
250K Mode
250
KHz
50kbps (Fdev = 18.75KHz)
-111
100kbps (Fdev = 37.5KHz)
-108
150kbps (Fdev = 56.25KHz)
-107
315MHz RX Sensitivity
3
@BER=0.1% high gain mode
250kbps (Fdev = 93.75KHz),16MHz Xtal
-104
dBm
10kbps (FSK)
(IFBW = 50KHz, Fdev = 25KHz)
-115
480MHz RX Sensitivity
3
@BER=0.1% high gain mode
10kbps (GFSK)
(IFBW = 50KHz, Fdev = 25KHz)
-114
dBm
2kbps (IFBW = 50KHz, Fdev = 8KHz)
-117
dBm
2kbps (IFBW = 100KHz, Fdev = 8KHz)
- 114
dBm
10kbps (IFBW = 50KHz, Fdev = 18.75KHz)
-114
dBm
10kbps (IFBW = 100KHz, Fdev = 37.5KHz)
-112
dBm
50kbps (Fdev = 18.75KHz)
-110
100kbps (Fdev = 37.5KHz)
-107
150kbps (Fdev = 56.25KHz)
-106
433MHz RX Sensitivity
3
@BER=0.1% high gain mode
250kbps (Fdev = 93.75KHz) ,16MHz Xtal
-103
dBm
2kbps (IFBW = 50KHz, Fdev = 8KHz)
-114
dBm
2kbps (IFBW = 100KHz, Fdev = 8KHz)
-109
dBm
10kbps (IFBW = 50KHz, Fdev = 18.75KHz)
-110
dBm
10kbps (IFBW = 100KHz, Fdev = 37.5KHz)
-111
dBm
50kbps (Fdev = 18.75KHz)
-106
868MHz RX Sensitivity
3
@BER=0.1% high gain mode
100kbps (Fdev = 37.5KHz)
-103
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com