Electronic Components Datasheet Search
  English  ▼

X  

LP5811 Datasheet(PDF) 49 Page - Texas Instruments

Part # LP5811
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5811 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP5811 Datasheet HTML 45Page - Texas Instruments LP5811 Datasheet HTML 46Page - Texas Instruments LP5811 Datasheet HTML 47Page - Texas Instruments LP5811 Datasheet HTML 48Page - Texas Instruments LP5811 Datasheet HTML 49Page - Texas Instruments LP5811 Datasheet HTML 50Page - Texas Instruments LP5811 Datasheet HTML 51Page - Texas Instruments LP5811 Datasheet HTML 52Page - Texas Instruments LP5811 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
• VIN is the input voltage of the boost converter
Therefore, the inductor peak current is calculated by Equation 10.
∆ILP =∆ILDC +∆ILP−P2
(10)
Inductor peak-to-peak current is recommended to be designed less than 40% of the average inductor current,
with maximum output current setting. Large inductor value reduces the magnetic hysteresis losses in the
inductor and improves EMI performance with small inductor ripple, but the load transient response time
increases. The saturation current of the inductor must be higher than the calculated peak inductor current.
Table 10-2. Recommended Inductors
Part Number
L (µH)
DCR MAX (mΩ)
SATURATION
CURRENT (A)
SIZE L×W×H (mm)
VENDOR
XEL4030-102ME
1
9.78
9.0
4.0 × 4.0 × 3.1
Coilcraft
74438357010
1
13.5
9.6
4.1 × 4.1 × 3.1
Wurth Elecktronik
HBME042A-1R0MS-99
1
11.5
7.0
4.1 × 4.1 × 2.1
Cyntec
10.2.3.2 Output Capacitor Selection
The output capacitor is selected to meet the requirements of output ripple and loop stability. The ripple voltage is
related to capacitor capacitance and equivalent series resistance (ESR). Assuming a ceramic capacitor with zero
ESR, the minimum capacitance for a given ripple voltage can be calculated by Equation 11.
COUT= IOUT×DMAX
fSW×VRIPPLE
(11)
where
• DMAX is the maximum switching duty cycle
• VRIPPLE is the peak-to-peak output ripple voltage
• IOUT is the maximum output current
• fSW is the switching frequency
The ESR impact on the output ripple must be considered if tantalum or aluminum electrolytic capacitors are
used. The output peak-to-peak ripple voltage caused by the ESR of the output capacitors can be calculated by
Equation 12.
VRIPPLEESR =ILP ×RESR
(12)
The derating of a ceramic capacitor under dc bias voltage, aging, and ac signal need to be considered during
design. For example, the dc bias voltage can significantly reduce capacitance. A ceramic capacitor can lose
more than 50% of capacitance at the rated voltage. Therefore, enough the voltage rating margin must be left to
get adequate capacitance at the required output voltage. Increasing the output capacitor can make the output
ripple voltage smaller in PWM mode.
TI recommends using the X5R or X7R ceramic output capacitor in the range of 4 μF to 1000 μF effective
capacitance. 10 μF effective capacitance is recommended in typical application, which means around 22 μF
rated capacitance. If the output capacitor is below the range, the boost regulator can potentially become
unstable.
10.2.3.3 Input Capacitor Selection
Multilayer X5R or X7R ceramic capacitors are excellent choices for the input decoupling of the integrated boost
converter, because of the extremely low ESR and small footprint. Input capacitors must be located as close as
possible to the device. While a 10-μF input capacitor is sufficient for most applications, large capacitance is used
to reduce input current ripple. When the input power is supplied through long wire and only ceramic capacitor
is put, the load step at the output induces ringing at the VIN pin. This ringing couples back to the output and
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com