Electronic Components Datasheet Search
  English  ▼

X  

LP5811 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP5811
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5811 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5811 Datasheet HTML 13Page - Texas Instruments LP5811 Datasheet HTML 14Page - Texas Instruments LP5811 Datasheet HTML 15Page - Texas Instruments LP5811 Datasheet HTML 16Page - Texas Instruments LP5811 Datasheet HTML 17Page - Texas Instruments LP5811 Datasheet HTML 18Page - Texas Instruments LP5811 Datasheet HTML 19Page - Texas Instruments LP5811 Datasheet HTML 20Page - Texas Instruments LP5811 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
LP5813
OUT0
OUT1
OUT2
SW
OUT3
C2
C1
L1
VIN
GND
OFF
ON
VIN
EN
SCL
SDA
SYNC
VOUT
LED0
LED1
LED2
LED3
Red LED
Green LED
Blue LED
White LED
Figure 9-4. Direct Drive Mode (led_mode = 0h)
9.3.2.2 TCM drive mode
The TCM drive mode is used to drive up to 12 LEDs (or 4 RGB LEDs) with TCM scheme, which is configured by
setting led_mode = 1h/2h/3h/4h for 1/2/3/4 scans. After setting the scan count, 'scan_order_x' (x = 1, 2, 3, 4) bits
need to be written for the scan orders of each output. The default order is from OUT0 to OUT3 in 4 scans mode.
The TCM drive mode can drive 1 to 12 LEDs with 1 to 4 scans or ¼ to 1 multiplexing ratio. The names LED_xy
(x = A, B, C, D; y = 0, 1, 2) are used in the register map for the corresponding LED, which is connected to OUTx
(x = 0, 1, 2, 3). The detail naming rule is showed in Table 9-1.
Table 9-1. LED Names in Register Maps for TCM Drive Mode
LED name in registers
LED Cathode
OUT0
OUT1
OUT2
OUT3
LED Anode
OUT0 (A)
-
LED_A0
LED_A1
LED_A2
OUT1 (B)
LED_B2
-
LED_B0
LED_B1
OUT2 (C)
LED_C1
LED_C2
-
LED_C0
OUT3 (D)
LED_D0
LED_D1
LED_D2
-
The typical application circuits are demonstrated as Figure 9-5 (1 scan), Figure 9-6 (2 scans), Figure 9-7 (3
scans) and Figure 9-8 (4 scans).
Note
To avoid unexpected emitting, in RGB LEDs applications, Red LEDs are recommended to be placed
in LED_x1 (x = A, B, C, D) positions.
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com