Electronic Components Datasheet Search
  English  ▼

X  

LP5811 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP5811
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5811 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5811 Datasheet HTML 14Page - Texas Instruments LP5811 Datasheet HTML 15Page - Texas Instruments LP5811 Datasheet HTML 16Page - Texas Instruments LP5811 Datasheet HTML 17Page - Texas Instruments LP5811 Datasheet HTML 18Page - Texas Instruments LP5811 Datasheet HTML 19Page - Texas Instruments LP5811 Datasheet HTML 20Page - Texas Instruments LP5811 Datasheet HTML 21Page - Texas Instruments LP5811 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
LP5813
OUT0
OUT1
OUT2
SW
OUT3
C2
C1
L1
VIN
GND
OFF
ON
VIN
EN
SCL
SDA
SYNC
VOUT
LED_A0 LED_A1 LED_A2
Red LED
Green LED
Blue LED
Figure 9-5. TCM Drive Mode, 1 Scan, (led_mode = 1h, scan_order_0 = 0h)
LP5813
OUT0
OUT1
OUT2
SW
OUT3
C2
C1
L1
VIN
GND
OFF
ON
VIN
EN
SCL
SDA
SYNC
VOUT
LED_A0 LED_A1 LED_A2
LED_B0 LED_B1 LED_B2
Red LED
Green LED
Blue LED
Figure 9-6. TCM Drive Mode, 2 Scans (led_mode = 2h, scan_order_0 = 0h, scan_order_1 = 1h)
LP5813
OUT0
OUT1
OUT2
SW
OUT3
C2
C1
L1
VIN
GND
OFF
ON
VIN
EN
SCL
SDA
SYNC
VOUT
LED_A0 LED_A1 LED_A2
LED_B0 LED_B1 LED_B2
LED_C0 LED_C1 LED_C2
Red LED
Green LED
Blue LED
Figure 9-7. TCM Drive Mode, 3 Scans (led_mode = 3h, scan_order_0 = 0h, scan_order_1 = 1h,
scan_order_2 = 2h)
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com