Electronic Components Datasheet Search
  English  ▼

X  

LP5811 Datasheet(PDF) 29 Page - Texas Instruments

Part # LP5811
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5811 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5811 Datasheet HTML 25Page - Texas Instruments LP5811 Datasheet HTML 26Page - Texas Instruments LP5811 Datasheet HTML 27Page - Texas Instruments LP5811 Datasheet HTML 28Page - Texas Instruments LP5811 Datasheet HTML 29Page - Texas Instruments LP5811 Datasheet HTML 30Page - Texas Instruments LP5811 Datasheet HTML 31Page - Texas Instruments LP5811 Datasheet HTML 32Page - Texas Instruments LP5811 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Register Acronym
Address Type D7
D6
D5
D4
D3
D2
D1
D0
Default
led_en_1
020h
R/W
led_en_b
0
led_en_a
2
led_en_a
1
led_en_a
0
led_en_3 led_en_2 led_en_1 led_en_0 00h
led_en_2
021h
R/W
led_en_d
2
led_en_d
1
led_en_d
0
led_en_c
2
led_en_c
1
led_en_c
0
led_en_b
2
led_en_b
1
00h
Fault_Clear Register
Fault_Clear
022h
W1C Reserved
tsd_clear lsd_clear lod_clear 00h
Reset Register
Reset
023h
W1C sw_reset
00h
Manual_DC Registers
Manual_DC_0
030h
R/W
manual_dc_0
00h
Manual_DC_1
031h
R/W
manual_dc_1
00h
Manual_DC_2
032h
R/W
manual_dc_2
00h
Manual_DC_3
033h
R/W
manual_dc_3
00h
Manual_DC_4
034h
R/W
manual_dc_a0
00h
Manual_DC_5
035h
R/W
manual_dc_a1
00h
Manual_DC_6
036h
R/W
manual_dc_a2
00h
Manual_DC_7
037h
R/W
manual_dc_b0
00h
Manual_DC_8
038h
R/W
manual_dc_b1
00h
Manual_DC_9
039h
R/W
manual_dc_b2
00h
Manual_DC_10
03Ah
R/W
manual_dc_c0
00h
Manual_DC_11
03Bh
R/W
manual_dc_c1
00h
Manual_DC_12
03Ch
R/W
manual_dc_c2
00h
Manual_DC_13
03Dh
R/W
manual_dc_d0
00h
Manual_DC_14
03Eh
R/W
manual_dc_d1
00h
Manual_DC_15
03Fh
R/W
manual_dc_d2
00h
Manual PWM Registers
Manual_PWM_0
040h
R/W
manual_pwm_0
00h
Manual_PWM_1
041h
R/W
manual_pwm_1
00h
Manual_PWM_2
042h
R/W
manual_pwm_2
00h
Manual_PWM_3
043h
R/W
manual_pwm_3
00h
Manual_PWM_4
044h
R/W
manual_pwm_a0
00h
Manual_PWM_5
045h
R/W
manual_pwm_a1
00h
Manual_PWM_6
046h
R/W
manual_pwm_a2
00h
Manual_PWM_7
047h
R/W
manual_pwm_b0
00h
Manual_PWM_8
048h
R/W
manual_pwm_b1
00h
Manual_PWM_9
049h
R/W
manual_pwm_b2
00h
Manual_PWM_10
04Ah
R/W
manual_pwm_c0
00h
Manual_PWM_11
04Bh
R/W
manual_pwm_c1
00h
Manual_PWM_12
04Ch
R/W
manual_pwm_c2
00h
Manual_PWM_13
04Dh
R/W
manual_pwm_d0
00h
Manual_PWM_14
04Eh
R/W
manual_pwm_d1
00h
Manual_PWM_15
04Fh
R/W
manual_pwm_d2
00h
Autonomous_DC Registers
Auto_DC_0
050h
R/W
auto_dc_0
00h
Auto_DC_1
051h
R/W
auto_dc_1
00h
Auto_DC_2
052h
R/W
auto_dc_2
00h
Auto_DC_3
053h
R/W
auto_dc_3
00h
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com