Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz, Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8370 Datasheet HTML 7Page - Analog Devices AD8370 Datasheet HTML 8Page - Analog Devices AD8370 Datasheet HTML 9Page - Analog Devices AD8370 Datasheet HTML 10Page - Analog Devices AD8370 Datasheet HTML 11Page - Analog Devices AD8370 Datasheet HTML 12Page - Analog Devices AD8370 Datasheet HTML 13Page - Analog Devices AD8370 Datasheet HTML 14Page - Analog Devices AD8370 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8370
Rev. A | Page 11 of 28
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
10
100
1000
HG32, HG127
LG32, LG127
Figure 28. Common-Mode Rejection Ratio vs. Frequency
0
2
4
8
10
12
6
210
310
10
110
410
510
610
FREQUENCY (MHz)
HG18
HG127
LG127
Figure 29. Input Referred Noise Spectral Density vs.
Frequency at Various Gains
TIME (2ns/DIV)
GND
DIFFERENTIAL VIN
DIFFERENTIAL VOUT
VOPLO
VOPHI
Figure 30. DC-Coupled Large Signal Pulse Response
PWUP (2V/DIV)
TIME (40ns/DIV)
GND
ZERO
INPUT = –30dBm, 70MHz 100 AVERAGES
GAIN CODE HG127
DIFFERENTIAL OUTPUT (50mV/DIV)
Figure 31. PWUP Time Domain Response
LTCH (2V/DIV)
TIME (20ns/DIV)
GND
ZERO
INPUT = –30dBm, 70MHz
NO AVERAGING
6dB GAIN STEP (HG36 TO LG127)
DIFFERENTIAL OUTPUT (10mV/DIV)
Figure 32. Gain Step Time Domain Response
TIME (2ns/DIV)
GND
VOUT DIFFERENTIAL
Figure 33. Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com