Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz, Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8370 Datasheet HTML 15Page - Analog Devices AD8370 Datasheet HTML 16Page - Analog Devices AD8370 Datasheet HTML 17Page - Analog Devices AD8370 Datasheet HTML 18Page - Analog Devices AD8370 Datasheet HTML 19Page - Analog Devices AD8370 Datasheet HTML 20Page - Analog Devices AD8370 Datasheet HTML 21Page - Analog Devices AD8370 Datasheet HTML 22Page - Analog Devices AD8370 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8370
Rev. A | Page 19 of 28
–10
–8
–6
–4
–2
0
2
4
6
8
10
1
10
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
AD8370 WITH
AD8138 SINGLE
+5V SUPPLY
AD8370
USING DUAL
±2.5V SUPPLY
Figure 53. Normalized Frequency Response of the Two Solutions in
Figure 51 and Figure 52
ADC INTERFACING
Although the AD8370 is designed to provide a 100 Ω output
source impedance, the device is capable of driving a variety of
loads while maintaining reasonable gain and distortion
performance. A common application for the AD8370 is ADC
driving in IF sampling receivers and broadband wide dynamic
range digitizers. The wide gain adjustment range allows the use
of lower resolution ADCs. Figure 54 illustrates a typical ADC
interface network.
AD8370
VOCM
ROP
100
Ω
CAC
ZS
RIP
VIN
VIN
ROP
CAC
ZS
RIP
RT
ZP
ZIN
ADC
Figure 54. Generic ADC Interface
Many factors need to be considered before defining component
values used in the interface network, such as the desired
frequency range of operation, the input swing, and input
impedance of the ADC. AC coupling capacitors, CAC, should be
used to block any potential dc offsets present at the AD8370
outputs, which would otherwise consume the available low-end
range of the ADC. The CAC capacitors should be large enough
so that they present negligible reactance over the intended
frequency range of operation. The VOCM pin may serve as an
external reference for ADCs that do not include an on-board
reference. In either case, it is suggested that the VOCM pin be
decoupled to ground through a moderately large bypassing
capacitor (1 nF to 10 nF) to help minimize wideband noise
pick-up.
Often it is wise to include input and output parasitic suppression
resistors, RIP and ROP. Parasitic suppressing resistors help to
prevent resonant effects that occur as a result of internal bond-
wire inductance, pad to substrate capacitance, and stray
capacitance of the printed circuit board trace artwork. If
omitted, undesirable settling characteristics may be observed.
Typically, only 10 Ω to 25 Ω of series resistance is all that is
needed to help dampen resonant effects. Considering that most
ADCs present a relatively high input impedance, very little
signal is lost across the RIP and ROP series resistors.
Depending on the input impedance presented by the input
system of the ADC, it may be desirable to terminate the ADC
input down to a lower impedance by using a terminating
resistor, RT. The high frequency response of the AD8370
exhibits greater peaking when driving very light loads. In
addition, the terminating resistor helps to better define the
input impedance at the ADC input. Any part-to-part variability
of ADC input impedance is reduced when shunting down the
ADC inputs by using a moderate tolerance terminating resistor
(typically a 1% value is acceptable).
After defining reasonable values for coupling capacitors,
suppressing resistors, and the terminating resistor, it is time to
design the intermediate filter network. The example in
Figure 54 suggests a second-order, low-pass filter network
comprised of series inductors and a shunt capacitor. The order
and type of filter network used depends on the desired high
frequency rejection required for the ADC interface, as well as
on pass-band ripple and group delay. In some situations, the
signal spectra may already be sufficiently band-limited such
that no additional filter network is necessary, in which case ZS
would simply be a short and ZP would be an open. In other
situations, it may be necessary to have a rather high-order
antialiasing filter to help minimize unwanted high frequency
spectra from being aliased down into the first Nyquist zone of
the ADC.
To properly design the filter network, it is necessary to consider
the overall source and load impedance presented by the AD8370
and ADC input, including the additional resistive contribution
of suppression and terminating resistors. The filter design can
then be handled by using a single-ended equivalent circuit, as
shown in Figure 55. A variety of references that address filter
synthesis are available. Most provide tables for various filter
types and orders, indicating the normalized inductor and
capacitor values for a 1 Hz cutoff frequency and 1 Ω load. After
scaling the normalized prototype element values by the actual
desired cut-off frequency and load impedance, it is simply a
matter of splitting series element reactances in half to realize the
final balanced filter network component values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com