Electronic Components Datasheet Search
  English  ▼

X  

AD600 Datasheet(PDF) 4 Page - Analog Devices

Part # AD600
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600 Datasheet(HTML) 4 Page - Analog Devices

  AD600 Datasheet HTML 1Page - Analog Devices AD600 Datasheet HTML 2Page - Analog Devices AD600 Datasheet HTML 3Page - Analog Devices AD600 Datasheet HTML 4Page - Analog Devices AD600 Datasheet HTML 5Page - Analog Devices AD600 Datasheet HTML 6Page - Analog Devices AD600 Datasheet HTML 7Page - Analog Devices AD600 Datasheet HTML 8Page - Analog Devices AD600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD600/AD602
Rev. E | Page 4 of 28
AD600J/AD602J1
AD600A/AD602A1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL GATING INTERFACE
Logic Input LO (Output On)
0.8
0.8
V
Logic Input HI (Output Off )
2.4
2.4
V
Response Time
On to off, off to on
0.3
0.3
μs
Input Resistance
Pin 4 to Pin 3; Pin 5 to Pin 6
30
30
kΩ
Output Gated Off
Output Offset Voltage
±10
±100
±10
±400
mV
Output Noise Spectral Density
65
65
nV/√Hz
Signal Feedthrough @ 1 MHz
AD600
−80
−80
dB
AD602
−70
−70
dB
POWER SUPPLY
Specified Operating Range
±4.75
±5.25
±4.75
±5.25
V
Quiescent Current
11
12.5
11
14
mA
1 Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All
minimum and maximum specifications guaranteed, although only those shown in boldface are tested on all production units.
2 Typical open- or short-circuited input; noise is lower when the system is set to maximum gain and the input is short-circuited. This figure includes the effects of both
voltage and current noise sources.
3 With an additional 1 kΩ pull-down resistor, if RL < 500 Ω.
4 The dc gain of the main amplifier in the AD600 is × 113; therefore, an input offset of only 100 μV becomes an 11.3 mV output offset. In the AD602, the amplifier’s gain
is × 35.7; therefore, an input offset of 100 μV becomes a 3.57 mV output offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com