Electronic Components Datasheet Search
  English  ▼

X  

AD600 Datasheet(PDF) 26 Page - Analog Devices

Part # AD600
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD600 Datasheet HTML 20Page - Analog Devices AD600 Datasheet HTML 21Page - Analog Devices AD600 Datasheet HTML 22Page - Analog Devices AD600 Datasheet HTML 23Page - Analog Devices AD600 Datasheet HTML 24Page - Analog Devices AD600 Datasheet HTML 25Page - Analog Devices AD600 Datasheet HTML 26Page - Analog Devices AD600 Datasheet HTML 27Page - Analog Devices AD600 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD600/AD602
Rev. E | Page 26 of 28
For the next 40 dB of control range, the gain of U1A remains
fixed at its maximum value of 41.07 dB and only the gain of
U1B is varied, while that of U2A remains at its minimum value
of −1.07 dB. In this interval, the fixed output noise of U1A is
amplified by the increasing gain of U1B and the SNR
progressively decreases.
Once U1B reaches its maximum gain of 41.07 dB, its output
also becomes a gain independent noise source; this noise is
presented to U2A. As the control voltage is further increased,
the gains of both U1A and U1B remain fixed at their maximum
value of 41.07 dB, and the SNR continues to decrease. Figure 56
clearly shows this, because the maximum SNR of 90 dB is
extended for the first 40 dB of input signal before it starts to roll off.
This arrangement of staggered gains can be easily implemented
because when the control inputs of the AD600 are overdriven,
the gain limits to its maximum or minimum values without side
effects. This eliminates the need for awkward nonlinear shaping
circuits that have previously been used to break up the gain
range of multistage AGC amplifiers. The precise values of the
AD600’s maximum and minimum gain (not 0 dB and +40 dB
but −1.07 dB and +41.07 dB) explain the rather odd values of
the offset values that are used.
The optimization of the output SNR is of obvious value in AGC
systems. However, in applications where these circuits are
considered for their wide range logarithmic measurement
capabilities, the inevitable degradation of the SNR at high gains
need not seriously impair their utility. In fact, the bandwidth of
the circuit shown in Figure 47 was specifically chosen to improve
measurement accuracy by altering the shape of the log error
curve at low signal levels (see Figure 53).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com