Electronic Components Datasheet Search
  English  ▼

X  

AD600 Datasheet(PDF) 8 Page - Analog Devices

Part # AD600
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD600 Datasheet HTML 4Page - Analog Devices AD600 Datasheet HTML 5Page - Analog Devices AD600 Datasheet HTML 6Page - Analog Devices AD600 Datasheet HTML 7Page - Analog Devices AD600 Datasheet HTML 8Page - Analog Devices AD600 Datasheet HTML 9Page - Analog Devices AD600 Datasheet HTML 10Page - Analog Devices AD600 Datasheet HTML 11Page - Analog Devices AD600 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD600/AD602
Rev. E | Page 8 of 28
102
92
95
93
94
98
96
97
99
100
101
FREQUENCY (Hz)
100k
1M
10M
100M
GAIN = 40dB
GAIN = 20dB
GAIN = 0dB
Figure 9. Input Impedance vs. Frequency
6
–4
0.7
–1
–3
–0.5
–2
–0.7
2
0
1
3
4
5
0.5
GAIN CONTROL VOLTAGE (V)
–0.3
–0.1
0.1
0.3
AD600
AD602
Figure 10. Output Offset Voltage vs. Gain Control Voltage
(Control Channel Feedthrough)
1µs
1V VOUT
1V VC
10
0%
100
90
Figure 11. Gain Control Channel Response Time. Top: Output Voltage, 2 V
max, Bottom: Gain Control Voltage VC = ±625 mV
50mV
5V
100ns
10
0%
100
90
Figure 12. Gating Feedthrough to Output, Gating Off to On
10
0%
100
90
50mV
5V
100ns
Figure 13. Gating Feedthrough to Output, Gating On to Off
10
0%
100
90
1V
100mV
500ns
Figure 14. Transient Response, Medium and High Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com