Electronic Components Datasheet Search
  English  ▼

X  

AD600 Datasheet(PDF) 12 Page - Analog Devices

Part # AD600
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD600 Datasheet HTML 8Page - Analog Devices AD600 Datasheet HTML 9Page - Analog Devices AD600 Datasheet HTML 10Page - Analog Devices AD600 Datasheet HTML 11Page - Analog Devices AD600 Datasheet HTML 12Page - Analog Devices AD600 Datasheet HTML 13Page - Analog Devices AD600 Datasheet HTML 14Page - Analog Devices AD600 Datasheet HTML 15Page - Analog Devices AD600 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD600/AD602
Rev. E | Page 12 of 28
ACHIEVING 80 dB GAIN RANGE
The two amplifier sections of the X-AMP can be connected in
series to achieve higher gain. In this mode, the output of A1
(A1OP and A1CM) drives the input of A2 via a high-pass
network (usually just a capacitor) that rejects the dc offset.
The nominal gain range is now –2 dB to +82 dB for the AD600
or −22 dB to +62 dB for the AD602.
There are several options in connecting the gain-control inputs.
The choice depends on the desired SNR and gain error (output
ripple). The following examples feature the AD600; the
arguments generally apply to the AD602, with appropriate
changes to the gain values.
SEQUENTIAL MODE (MAXIMUM SNR)
In the sequential mode of operation, the SNR is maintained at
its highest level for as much of the gain control range as
possible, as shown in Figure 22. Note here that the gain range is
0 dB to 80 dB. Figure 23, Figure 24, and Figure 25 show the
general connections to accomplish this. Both gain-control
inputs, C1HI and C2HI, are driven in parallel by a positive-only,
ground-referenced source with a range of 0 V to 2.5 V.
VG
85
30
3.0
45
35
0
40
–0.5
60
50
55
65
70
75
80
2.5
2.0
1.5
1.0
0.5
Figure 22. SNR vs. Control Voltage Sequential Control (1 MHz Bandwidth)
An auxiliary amplifier that senses the voltage difference
between input and output commons is provided to reject this
common voltage.
VO2 = 1.908V
41.07dB
INPUT
0dB
–40.00dB
–40.00dB
C1HI
C1LO
1.07dB
VG2
OUTPUT
0dB
41.07dB
–41.07dB
–42.14dB
C2HI
C2LO
A1
A2
VO1 = 0.592V
VG1
VC = 0V
Figure 23. AD600 Gain Control Input Calculations for Sequential Control Operation (A)
–0.51dB
OUTPUT
40dB
A1
41.07dB
–0.51dB
C1HI
C1LO
41.07dB
–1.07dB
–41.63dB
C2HI
C2LO
40.56dB
A2
VO2 = 1.908V
VG2
VO1 = 0.592V
VG1
INPUT
0dB
VC = 1.25V
Figure 24. AD600 Gain Control Input Calculations for Sequential Control Operation (B)
38.93dB
A1
41.07dB
0dB
0dB
C1HI
C1LO
41.07dB
–2.14dB
C2HI
C2LO
41.07dB
A2
INPUT
0dB
VC = 2.5V
VO1 = 0.592V
VG1
VO2 = 1.908V
VG2
OUTPUT
80dB
Figure 25. AD600 Gain Control Input Calculations for Sequential Control Operation (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com