Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 6 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD603 Datasheet HTML 2Page - Analog Devices AD603 Datasheet HTML 3Page - Analog Devices AD603 Datasheet HTML 4Page - Analog Devices AD603 Datasheet HTML 5Page - Analog Devices AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices AD603 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD603
Rev. G | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
@ TA = 25°C, VS = ±5 V, –500 mV ≤ VG ≤ +500 mV, GNEG = 0 V, –10 dB to +30 dB gain range, RL = 500 Ω, and CL = 5 pF, unless otherwise
noted.
VG (V)
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
40
30
20
10
0
–10
10.7MHz
100kHz
Figure 4. Gain vs. VG at 100 kHz and 10.7 mHz
GAIN VOLTAGE (Volts)
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
45MHz
70MHz
10.7MHz
455kHz
70MHz
Figure 5. Gain Error vs. Gain Control Voltage at 455 kHz,
10.7 MHz, 45 MHz, 70 MHz
–225
225
45
90
135
180
0
–45
–90
–135
–180
FREQUENCY (Hz)
100k
1M
10M
100M
4
2
3
0
1
–2
–1
–4
–5
–3
–6
GAIN
PHASE
Figure 6. Frequency and Phase Response vs. Gain
(Gain = −10 dB, PIN = −30 dBm)
–225
225
180
135
90
45
0
–45
–90
–180
–135
FREQUENCY (Hz)
100k
1M
10M
100M
4
2
1
3
0
–1
–2
–3
–4
–5
–6
GAIN
PHASE
Figure 7. Frequency and Phase Response vs. Gain
(Gain = +10 dB, PIN = −30 dBm)
–225
225
45
90
135
180
0
–45
–90
–135
–180
FREQUENCY (Hz)
100k
1M
10M
100M
4
2
3
0
1
–2
–1
–4
–3
–6
–5
GAIN
PHASE
Figure 8. Frequency and Phase Response vs. Gain
(Gain = +30 dB, PIN = −30 dBm)
GAIN CONTROL VOLTAGE (V)
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
7.60
7.40
7.20
7.00
6.80
6.60
6.40
Figure 9. Group Delay vs. Gain Control Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com