Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 8 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD603 Datasheet HTML 4Page - Analog Devices AD603 Datasheet HTML 5Page - Analog Devices AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices AD603 Datasheet HTML 10Page - Analog Devices AD603 Datasheet HTML 11Page - Analog Devices AD603 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD603
Rev. G | Page 8 of 20
FREQUENCY (Hz)
100M
100k
1M
10M
100
102
98
96
94
Figure 16. Input Impedance vs. Frequency (Gain = +30 dB)
1V
200ns
1V
10
0%
100
90
Figure 17. Gain Control Channel Response Time
451ns
–49ns
50ns
4.5V
500mV
–500mV
INPUT GND
1V/DIV
OUTPUT GND
500mV/DIV
Figure 18. Input Stage Overload Recovery Time
(Input is 500 ns Period, 50% Duty Cycle Square Wave, Output is Captured
Using Tektronix 11402 Digitizing Oscilloscope)
451ns
–49ns
50ns
3V
1V
–2V
INPUT GND
100MV/DIV
OUTPUT GND
1V/DIV
Figure 19. Output Stage Overload Recovery Time
(Input Is 500 ns Period, 50% Duty Cycle Square Wave, Output is Captured
Using Tektronix 11402 Digitizing Oscilloscope)
GND
GND
456ns
–44ns
50ns
3.5V
500mV
–1.5V
INPUT
500mV/DIV
OUTPUT
500mV/DIV
Figure 20. Transient Response, G = 0 dB
(Input is 500 ns Period, 50% Duty Cycle Square Wave, Output is Captured
Using Tektronix 11402 Digitizing Oscilloscope)
456ns
–44ns
50ns
3.5V
500mV
–1.5V
INPUT GND
100mV/DIV
OUTPUT GND
500mV/DIV
Figure 21. Transient Response, G = +20 dB
(Input is 500 ns Period, 50% Duty Cycle Square Wave, Output is Captured
Using Tektronix 11402 Digitizing Oscilloscope)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com