Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 1 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 1 Page - Analog Devices

  AD603 Datasheet HTML 1Page - Analog Devices AD603 Datasheet HTML 2Page - Analog Devices AD603 Datasheet HTML 3Page - Analog Devices AD603 Datasheet HTML 4Page - Analog Devices AD603 Datasheet HTML 5Page - Analog Devices AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Noise, 90 MHz
Variable Gain Amplifier
AD603
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Linear-in-dB gain control
Pin programmable gain ranges
−11 dB to +31 dB with 90 MHz bandwidth
9 dB to 51 dB with 9 MHz bandwidth
Any intermediate range, for example −1 dB to +41 dB
with 30 MHz bandwidth
Bandwidth independent of variable gain
1.3 nV/√Hz input noise spectral density
±0.5 dB typical gain accuracy
APPLICATIONS
RF/IF AGC amplifier
Video gain control
A/D range extension
Signal measurement
GENERAL DESCRIPTION
The AD603 is a low noise, voltage-controlled amplifier for use
in RF and IF AGC systems. It provides accurate, pin selectable
gains of −11 dB to +31 dB with a bandwidth of 90 MHz or 9 dB
to 51 dB with a bandwidth of 9 MHz. Any intermediate gain
range may be arranged using one external resistor. The input
referred noise spectral density is only 1.3 nV/√Hz and power
consumption is 125 mW at the recommended ±5 V supplies.
The decibel gain is linear in dB, accurately calibrated, and stable
over temperature and supply. The gain is controlled at a high
impedance (50 MΩ), low bias (200 nA) differential input; the
scaling is 25 mV/dB, requiring a gain control voltage of only 1 V
to span the central 40 dB of the gain range. An overrange and
underrange of 1 dB is provided whatever the selected range. The
gain control response time is less than 1 µs for a 40 dB change.
The differential gain control interface allows the use of either
differential or single-ended positive or negative control voltages.
Several of these amplifiers may be cascaded and their gain
control gains offset to optimize the system S/N ratio.
The AD603 can drive a load impedance as low as 100 Ω with
low distortion. For a 500 Ω load in shunt with 5 pF, the total
harmonic distortion for a ±1 V sinusoidal output at 10 MHz is
typically −60 dBc. The peak specified output is ±2.5 V
minimum into a 500 Ω load.
The AD603 uses a patented proprietary circuit topology—the
X-AMP®. The X-AMP comprises a variable attenuator of 0 dB
to −42.14 dB followed by a fixed-gain amplifier. Because of the
attenuator, the amplifier never has to cope with large inputs and
can use negative feedback to define its (fixed) gain and dynamic
performance. The attenuator has an input resistance of 100 Ω,
laser trimmed to ±3%, and comprises a seven-stage R-2R ladder
network, resulting in an attenuation between tap points of
6.021 dB. A proprietary interpolation technique provides a
continuous gain control function which is linear in dB.
The AD603 is specified for operation from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
SCALING
REFERENCE
VG
GAIN-
CONTROL
INTERFACE
AD603
PRECISION PASSIVE
INPUT ATTENUATOR
FIXED-GAIN
AMPLIFIER
1NOMINAL VALUES.
R-2R LADDER NETWORK
VPOS
VNEG
GPOS
GNEG
VINP
COMM
0dB
–6.02dB
–12.04dB –18.06dB –24.08dB
–30.1dB
–36.12dB –42.14dB
RR
R
R
R
R
R
2R
2R
2R
2R
2R
2R
R
20
Ω1
694
Ω1
6.44k
Ω1
VOUT
FDBK
8
6
1
2
5
7
4
3
Figure 1.


Similar Part No. - AD603

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
AD603 AD-AD603 Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603 Datasheet
815Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
4/12-Rev. J to Rev. K
AD603-EB AD-AD603-EB Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
AD603-EVALZ AD-AD603-EVALZ Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
More results

Similar Description - AD603

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD603 AD-AD603_07 Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
4/12-Rev. J to Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com