Electronic Components Datasheet Search
  English  ▼

X  

AD626 Datasheet(PDF) 6 Page - Analog Devices

Part # AD626
Description  Low Cost, Single-Supply Differential Amplifi er
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD626 Datasheet HTML 2Page - Analog Devices AD626 Datasheet HTML 3Page - Analog Devices AD626 Datasheet HTML 4Page - Analog Devices AD626 Datasheet HTML 5Page - Analog Devices AD626 Datasheet HTML 6Page - Analog Devices AD626 Datasheet HTML 7Page - Analog Devices AD626 Datasheet HTML 8Page - Analog Devices AD626 Datasheet HTML 9Page - Analog Devices AD626 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD626
–6–
1000
100
0
10
100
1M
100k
10k
1k
10
FREQUENCY – Hz
GAIN = 100
GAIN = 10
VS = 5V
DUAL SUPPLY
VS = +5V
SINGLE SUPPLY
VS = 5V
DUAL SUPPLY
TPC 7. Closed-Loop Gain vs. Frequency
140
0
1M
60
20
1
40
0.1
120
80
100
100k
10k
1k
100
10
FREQUENCY – Hz
G = 10, 100
VS = +5
G = 100
VS = 5
G = 10
VS = 5
TPC 8. Common-Mode Rejection vs. Frequency
100
65
25
80
70
0
75
–5
95
85
90
20
15
10
5
INPUT COMMON-MODE VOLTAGE – V
G = 10, 100
VS = +5
TPC 9. Common-Mode Rejection vs. Input Common-
Mode Voltage for Single-Supply Operation
100
65
30
80
70
22
75
20
95
85
90
28
26
24
INPUT COMMON-MODE VOLTAGE – V
VS = 5
TPC 10. Common-Mode Rejection vs. Input
Common- Mode Voltage for Dual-Supply Operation
100
60
080
90
70
20
80
40
60
INPUT SOURCE RESISTANCE MISMATCH –
G = 10, 100
TPC 11. Common-Mode Rejection vs. Input Source
Resistance Mismatch
0.6
10
100
1k
0.5
0.4
0.3
0.2
0.1
SOURCE RESISTANCE MISMATCH –
0.7
0.0
TOTAL GAIN ERROR =
GAIN ACCURACY (FROM SPEC TABLE)
+ ADDITIONAL GAIN ERROR
CURVE APPLIES TO
ALL SUPPLY VOLTAGES
AND GAINS BETWEEN 10 AND 100
TPC 12. Additional Gain Error vs. Source
Resistance Mismatch
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com