Electronic Components Datasheet Search
  English  ▼

X  

AD626 Datasheet(PDF) 10 Page - Analog Devices

Part # AD626
Description  Low Cost, Single-Supply Differential Amplifi er
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD626 Datasheet HTML 4Page - Analog Devices AD626 Datasheet HTML 5Page - Analog Devices AD626 Datasheet HTML 6Page - Analog Devices AD626 Datasheet HTML 7Page - Analog Devices AD626 Datasheet HTML 8Page - Analog Devices AD626 Datasheet HTML 9Page - Analog Devices AD626 Datasheet HTML 10Page - Analog Devices AD626 Datasheet HTML 11Page - Analog Devices AD626 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD626
–10–
necessary to minimize gain error. Also, any mismatch between the
total source resistance at each input will affect gain accuracy and
common-mode rejection (CMR). For example: when operating at
a gain of 10, an 80
mismatch in the source resistance between
the inputs will degrade CMR to 68 dB.
The output buffer, A2, operates at a gain of 2 or 20, thus setting
the overall, precalibrated gain of the AD626 (with no external
components) at 10 or 100. The gain is set by the feedback network
around amplifier A2.
The output of amplifier A2 relies on a 10 k
resistor to –VS for
“pull-down.” For single-supply operation, (–VS = “GND”), A2
can drive a 10 k
ground referenced load to at least +4.7 V. The
minimum, nominally “zero,” output voltage will be 30 mV. For
dual-supply operation (±5 V), the positive output voltage swing
will be the same as for a single supply. The negative swing will be
to –2.5 V, at G = 100, limited by the ratio:
–
V
RR
RR
R
S ×
+
++
15
14
13
14
15
The negative range can be extended to –3.3 V (G = 100) and –4 V
(G = 10) by adding an external 10 k
pull-down from the output
to –VS. This will add 0.5 mA to the AD626’s quiescent current,
bringing the total to 2 mA.
The AD626’s 100 kHz bandwidth at G = 10 and 100 (a 10 MHz
gain bandwidth) is much higher than can be obtained with low
power op amps in discrete differential amplifier circuits. Further-
more, the AD626 is stable driving capacitive loads up to 50 pF
(G10) or 200 pF (G100). Capacitive load drive can be increased
to 200 pF (G10) by connecting a 100
resistor in series with the
AD626’s output and the load.
ADJUSTING THE GAIN OF THE AD626
The AD626 is easily configured for gains of 10 or 100. Figure 5
shows that for a gain of 10, Pin 7 is simply left unconnected; simi-
larly, for a gain of 100, Pin 7 is grounded, as shown in Figure 6.
Gains between 10 and 100 are easily set by connecting a variable
resistance between Pin 7 and Analog GND, as shown in Figure 7.
Because the on-chip resistors have an absolute tolerance of ±20%
(although they are ratio matched to within 0.1%), at least a 20%
adjustment range must be provided. The values shown in the
table in Figure 7 provide a good trade-off between gain set range
and resolution, for gains from 11 to 90.
0.1 F
OUTPUT
+VS
NOT
CONNECTED
+INPUT
–INPUT
0.1 F
1
2
3
4
8
7
6
5
–IN
+IN
G = 10
OUT
AD626
200k
200k
100k
G = 2
ANALOG
GND
–VS
FILTER
1/6
+VS
–VS
G = 30
Figure 5. AD626 Configured for a Gain of 10
0.1 F
OUTPUT
+INPUT
–INPUT
0.1 F
1
2
3
4
8
7
6
5
–IN
+IN
G = 100
OUT
AD626
200k
200k
100k
ANALOG
GND
–VS
FILTER
1/6
+VS
+VS
–VS
G = 30
G = 2
Figure 6. AD626 Configured for a Gain of 100
RG
RH
CF
FILTER
(OPTIONAL)
OUTPUT
+VS
+INPUT
–INPUT
0.1 F
1
2
3
4
8
7
6
5
–IN
+IN
G = 100
OUT
AD626
200k
200k
100k
ANALOG
GND
–VS
FILTER
1/6
+VS
CORNER FREQUENCY OF FILTER =
1
2 CF (100k )
GAIN RANGE
RG( )
RH( )
11 – 20
20 – 40
40 – 80
80 – 100
100k
10k
1k
100
4.99k
802
80
2
RESISTOR VALUES FOR GAIN ADJUSTMENT
0.1 F
–VS
G = 2
G = 30
Figure 7. Recommended Circuit for Gain Adjustment
SINGLE-POLE LOW-PASS FILTERING
A low-pass filter can be easily implemented by using the features
provided by the AD626.
By simply connecting a capacitor between Pin 4 and ground,
a single-pole low-pass filter is created, as shown in Figure 8.
CF
CORNER FREQUENCY OF FILTER =
1
2 CF (100k )
OUTPUT
+10V
+INPUT
–INPUT
0.1 F
1
2
3
4
8
7
6
5
–IN
+IN
G = 100
OUT
AD626
200k
200k
100k
ANALOG
GND
–VS
FILTER
1/6
+VS
G = 2
G = 30
Figure 8. A One-Pole Low-Pass Filter Circuit
Which Operates from a Single +10 V Supply
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com