Electronic Components Datasheet Search
  English  ▼

X  

AD626 Datasheet(PDF) 2 Page - Analog Devices

Part # AD626
Description  Low Cost, Single-Supply Differential Amplifi er
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626 Datasheet(HTML) 2 Page - Analog Devices

  AD626 Datasheet HTML 1Page - Analog Devices AD626 Datasheet HTML 2Page - Analog Devices AD626 Datasheet HTML 3Page - Analog Devices AD626 Datasheet HTML 4Page - Analog Devices AD626 Datasheet HTML 5Page - Analog Devices AD626 Datasheet HTML 6Page - Analog Devices AD626 Datasheet HTML 7Page - Analog Devices AD626 Datasheet HTML 8Page - Analog Devices AD626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
AD626–SPECIFICATIONS
Model
AD626A
AD626B
Parameter
Condition
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Accuracy
Total Error
Gain = 10
@ VOUT
≥ 100 mV dc
0.4
1.0
0.2
0.6
%
Gain = 100
@ VOUT
≥ 100 mV dc
0.1
1.0
0.5
0.6
%
Over Temperature, TA = TMIN to TMAX
G = 10
50
30
ppm/°C
G = 100
150
120
ppm/°C
Gain Linearity
Gain = 10
@ VOUT
≥ 100 mV dc
0.014
0.016
0.014
0.016
%
Gain = 100
@ VOUT
≥ 100 mV dc
0.014
0.02
0.014
0.02
%
OFFSET VOLTAGE
Input Offset Voltage
1.9
2.5
1.9
2.5
mV
vs. Temperature
TMIN to TMAX, G = 10 or 100
2.9
2.9
mV
vs. Temperature
TMIN to TMAX, G = 10 or 100
6
6
µV/°C
vs. Supply Voltage (PSR)
+PSR
74
80
74
80
dB
–PSR
64
66
64
66
dB
COMMON-MODE REJECTION
RL = 10 k
+CMR Gain = 10, 100
f = 100 Hz, VCM = +24 V
66
90
80
90
dB
±CMR Gain = 10, 100
f = 10 kHz, VCM = +6 V
55
64
55
64
dB
–CMR Gain = 10, 100
*
f = 100 Hz, VCM = –2 V
60
85
73
85
dB
COMMON-MODE VOLTAGE RANGE
+CMV Gain = 10
CMR > 85 dB
+24
+24
V
–CMV Gain = 10
CMR > 85 dB
–2
–2
V
INPUT
Input Resistance
Differential
200
200
k
Common-Mode
100
100
k
Input Voltage Range (Common-Mode)
6 (VS – l)
6 (VS – l)
V
OUTPUT
Output Voltage Swing
RL = 10 k
Positive
Gain = 10
4.7
4.90
4.7
4.90
V
Gain = 100
4.7
4.90
4.7
4.90
V
Negative
Gain = 10
0.03
0.03
V
Gain = 100
0.03
0.03
V
Short Circuit Current
+ISC
12
12
mA
NOISE
Voltage Noise RTI
Gain = 10
f = 0.1 Hz–10 Hz
2
2
µV p-p
Gain = 100
f = 0.1 Hz–10 Hz
2
2
µV p-p
Gain = 10
f = 1 kHz
0.25
0.25
µV/
Hz
Gain = 100
f = 1 kHz
0.25
0.25
µV/
Hz
DYNAMIC RESPONSE
–3 dB Bandwidth
VOUT = +1 V dc
100
100
kHz
Slew Rate, TMIN to TMAX
Gain = 10
0.17
0.22
0.17
0.22
V/µs
Gain = 100
0.1
0.17
0.1
0.17
V/µs
Settling Time
to 0.01%, 1 V Step
24
22
µs
POWER SUPPLY
Operating Range
TA = TMIN to TMAX
2.4
5
12
2.4
5
10
V
Quiescent Current
Gain = 10
0.16
0.20
0.16
0.20
mA
Gain = 100
0.23
0.29
0.23
0.29
mA
TRANSISTOR COUNT
Number of Transistors
46
46
*At temperatures above 25°C, –CMV degrades at the rate of 12 mV/°C; i.e., @ 25°C CMV = –2 V, @ 85°C CMV = –1.28 V.
Specifications subject to change without notice.
(@+VS = +5 V and TA = 25 C, unless otherwise noted.)
SINGLE SUPPLY
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com