Electronic Components Datasheet Search
  English  ▼

X  

AD626 Datasheet(PDF) 9 Page - Analog Devices

Part # AD626
Description  Low Cost, Single-Supply Differential Amplifi er
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD626 Datasheet HTML 4Page - Analog Devices AD626 Datasheet HTML 5Page - Analog Devices AD626 Datasheet HTML 6Page - Analog Devices AD626 Datasheet HTML 7Page - Analog Devices AD626 Datasheet HTML 8Page - Analog Devices AD626 Datasheet HTML 9Page - Analog Devices AD626 Datasheet HTML 10Page - Analog Devices AD626 Datasheet HTML 11Page - Analog Devices AD626 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD626
–9–
10
90
100
0%
TPC 25. Settling Time. VS = +5 V, G = 10
AD626
C1
5pF
+IN
–IN
R1
200k
R2
200k
R3
41k
C2
5pF
R4
41k
R5
4.2k
R11
10k
R6
500
R7
500
R8
10k
R10
10k
R14
555
GND
GAIN = 100
R13
10k
R15
10k
R17
95k
R9
10k
R12
100k
FILTER
OUT
+VS
A1
A2
–VS
Figure 4. Simplified Schematic
10
90
100
0%
TPC 26. Settling Time. VS = +5 V, G = 100
10k
10k
10k
INPUT
20V p–p
1k
+VS
AD626
–VS
ERROR
OUT
2k
Figure 3. Settling Time Test Circuit
THEORY OF OPERATION
The AD626 is a differential amplifier consisting of a precision
balanced attenuator, a very low drift preamplifier (A1), and an
output buffer amplifier (A2). It has been designed so that small
differential signals can be accurately amplified and filtered in the
presence of large common-mode voltages (VCM), without the use
of any other active components.
Figure 4 shows the main elements of the AD626. The signal inputs
at Pins 1 and 8 are first applied to dual resistive attenuators R1
through R4 whose purpose is to reduce the peak common-mode
voltage at the input to the preamplifier—a feedback stage based
on the very low drift op amp A1. This allows the differential
input voltage to be accurately amplified in the presence of large
common-mode voltages six times greater than that which can be
tolerated by the actual input to A1. As a result, the input CMR
extends to six times the quantity (VS – 1 V). The overall common-
mode error is minimized by precise laser-trimming of R3 and R4,
thus giving the AD626 a common-mode rejection ratio (CMRR)
of at least 10,000:1 (80 dB).
To minimize the effect of spurious RF signals at the inputs due to
rectification at the input to A1, small filter capacitors C1 and C2
are included.
The output of A1 is connected to the input of A2 via a 100 k
(R12) resistor to facilitate the low-pass filtering of the signal of
interest (see Low-Pass Filtering section).
The 200 k
input impedance of the AD626 requires that the source
resistance driving this amplifier be low in value (<1 k )—this is
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com