Electronic Components Datasheet Search
  English  ▼

X  

AD1994 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1994
Description  Audio Switching Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1994 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1994 Datasheet HTML 4Page - Analog Devices AD1994 Datasheet HTML 5Page - Analog Devices AD1994 Datasheet HTML 6Page - Analog Devices AD1994 Datasheet HTML 7Page - Analog Devices AD1994 Datasheet HTML 8Page - Analog Devices AD1994 Datasheet HTML 9Page - Analog Devices AD1994 Datasheet HTML 10Page - Analog Devices AD1994 Datasheet HTML 11Page - Analog Devices AD1994 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD1994
Rev. 0 | Page 8 of 24
FREQUENCY (kHz)
TYPICAL PERFORMANCE CHARACTERISTICS
0
–160
020
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
FREQUENCY (kHz)
Figure 4. 1 W Output Power into 4 Ω Load
0
–160
020
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
FREQUENCY (kHz)
Figure 5. 1 W Output Power into 6 Ω Load
0
–160
020
0
–160
020
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
–20
–40
–60
–80
–100
–120
–140
2468
10
12
14
16
18
Figure 6. 1 W Output Power into 8 Ω Load
0
–160
020
FREQUENCY (kHz)
Figure 7. −60 dBFS Output Power into 4 Ω Load
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
0
–160
020
FREQUENCY (kHz)
Figure 8. −60 dBFS Output Power into 6 Ω Load
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
Figure 9. −60 dBFS Output Power into 8 Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com