Electronic Components Datasheet Search
  English  ▼

X  

AD1994 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1994
Description  Audio Switching Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1994 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1994 Datasheet HTML 6Page - Analog Devices AD1994 Datasheet HTML 7Page - Analog Devices AD1994 Datasheet HTML 8Page - Analog Devices AD1994 Datasheet HTML 9Page - Analog Devices AD1994 Datasheet HTML 10Page - Analog Devices AD1994 Datasheet HTML 11Page - Analog Devices AD1994 Datasheet HTML 12Page - Analog Devices AD1994 Datasheet HTML 13Page - Analog Devices AD1994 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD1994
Rev. 0 | Page 10 of 24
100
10
0.001
10
OUTPUT POWER (W)
0.1
1
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
0.1
0.01
THD + N
THD
100
10
0.001
10
OUTPUT POWER (W)
0.1
1
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
0.1
0.01
THD + N
THD
Figure 19. THD and THD + N vs. Output Power, 1 kHz Sine, 4 Ω Load, PVDD = 15 V
Figure 16. THD and THD + N vs. Output Power, 1 kHz Sine, 4 Ω Load, PVDD = 12 V
100
10
0.001
10
OUTPUT POWER (W)
0.1
1
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
0.1
0.01
THD + N
THD
100
10
0.001
10
OUTPUT POWER (W)
0.1
1
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
0.1
0.01
THD + N
THD
Figure 17. THD and THD + N vs. Output Power, 1 kHz Sine, 6 Ω Load, PVDD = 12 V
Figure 20. THD and THD + N vs. Output Power, 1 kHz Sine, 6 Ω Load, PVDD = 15 V
100
10
0.001
10
OUTPUT POWER (W)
0.1
1
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
0.1
0.01
THD + N
THD
100
10
0.001
10
OUTPUT POWER (W)
0.1
1
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
0.1
0.01
THD + N
THD
Figure 21. THD and THD + N vs. Output Power, 1 kHz Sine, 8 Ω Load, PVDD = 15 V
Figure 18. THD and THD + N vs. Output Power, 1 kHz Sine, 8 Ω Load, PVDD = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com