Electronic Components Datasheet Search
  English  ▼

X  

AD1994 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1994
Description  Audio Switching Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1994 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1994 Datasheet HTML 16Page - Analog Devices AD1994 Datasheet HTML 17Page - Analog Devices AD1994 Datasheet HTML 18Page - Analog Devices AD1994 Datasheet HTML 19Page - Analog Devices AD1994 Datasheet HTML 20Page - Analog Devices AD1994 Datasheet HTML 21Page - Analog Devices AD1994 Datasheet HTML 22Page - Analog Devices AD1994 Datasheet HTML 23Page - Analog Devices AD1994 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD1994
Rev. 0 | Page 20 of 24
APPLICATION CIRCUITS
OUTR+
NFR+
OUTR–
NFR–
0.1µF
0.1µF
0.1µF
1000µF
PVDD
L
C
R1
R2
OUTL+
NFL+
L
R1
R2
OUTL–
NFL–
C
PVDD
PVDD
L
C
R1
R2
L
R1
R2
C
PVDD
PVDD
ERR0
OVERCURRENT
ERR1
THERMAL WARNING
ERR2
THERMAL SHUTDOWN
AINL
AINL
MOD_FILT
6.8µF
10kΩ
REF_FILT
4.7µF
47µF
47µF
10µF
10µF
0.1µF
RESET
MUTE
DCTRL0
DCTRL1
DCTRL2
CLKI
CLKO
PGA1
PGA0
0.1µF
1000µF
PVDD
AVDD
DVDD
AD1994
+
+
+
+
+
+
+
+
R1 = 4.2kΩ
R2 = 1.8kΩ
L = 18µH
C = 1µF
LOAD = 6Ω
DIGITAL
INPUTS
Figure 48. Typical Stereo Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com