Electronic Components Datasheet Search
  English  ▼

X  

AD8062ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8062ARM
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8062ARM Datasheet HTML 4Page - Analog Devices AD8062ARM Datasheet HTML 5Page - Analog Devices AD8062ARM Datasheet HTML 6Page - Analog Devices AD8062ARM Datasheet HTML 7Page - Analog Devices AD8062ARM Datasheet HTML 8Page - Analog Devices AD8062ARM Datasheet HTML 9Page - Analog Devices AD8062ARM Datasheet HTML 10Page - Analog Devices AD8062ARM Datasheet HTML 11Page - Analog Devices AD8062ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 8 of 20
FREQUENCY (MHz)
3
–12
1
1k
–6
100
10
0
–3
–9
G = –1
G = –2
G = –5
VS = 5V
VO = 1V p-p
RL = 1kΩ
VBIAS = 1V
Figure 13. Large Signal Frequency Response
FREQUENCY (MHz)
0.1
–0.5
1
1k
–0.2
100
10
0
–0.1
–0.3
–0.4
VS = 5V
VS = 3V
VS = 2.7V
VO = 0.2V p-p
RL = 1kΩ
VBIAS = 1V
G = 1
Figure 14. 0.1 dB Flatness
0.01
0.1
1
10
100
1k
80
60
40
20
0
–20
–40
200
150
100
50
0
–50
–100
–150
–200
–250
–300
FREQUENCY (MHz)
SERIES 2
SERIES 1
Figure 15. AD8062 Open-Loop Gain and Phase vs. Frequency,
VS = 5 V, RL = 1 kΩ
INPUT SIGNAL BIAS (V)
0
–50
–100
0.5
1.0
3.0
3.5
–10
–20
–30
–40
–60
–70
–80
–90
2.5
2.0
1.5
3RD @ 1MHz
3RD @ 10MHz
2ND @ 1MHz
2ND @ 10MHz
VS = 5V
RL = 1kΩ
G = 1
Figure 16. Harmonic Distortion for a 1 V p-p Signal vs. Input Signal DC Bias
FREQUENCY (MHz, START = 10kHz, STOP = 30MHz)
–70
0.01
–40
–50
–60
–80
–90
–100
–110
0.1
3RD H
2ND H
1.25Vdc
50
Ω
604
Ω
1k
Ω
52.3
Ω
0.1
μF
10
μF
5V
+
+
–
0.1
μF
1k
Ω
(RLOAD)
1M
Ω INPUT
1
10
50
Figure 17. Harmonic Distortion for a 1 V p-p Output Signal vs.
Input Signal DC Bias
OUTPUT SIGNAL DC BIAS (V)
–50
–120
0
1
–30
–40
–60
–70
–80
–90
4
3
2
–110
–100
VS = 5V
RL = 1kΩ
G = 5
VO = 1V p-p
3RD
2ND
10MHz
5MHz
2ND
3RD
1MHz
3RD
2ND
5
Figure 18. Harmonic Distortion vs. Output Signal DC Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com