Electronic Components Datasheet Search
  English  ▼

X  

AD8062ARM Datasheet(PDF) 17 Page - Analog Devices

Part # AD8062ARM
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARM Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8062ARM Datasheet HTML 12Page - Analog Devices AD8062ARM Datasheet HTML 13Page - Analog Devices AD8062ARM Datasheet HTML 14Page - Analog Devices AD8062ARM Datasheet HTML 15Page - Analog Devices AD8062ARM Datasheet HTML 16Page - Analog Devices AD8062ARM Datasheet HTML 17Page - Analog Devices AD8062ARM Datasheet HTML 18Page - Analog Devices AD8062ARM Datasheet HTML 19Page - Analog Devices AD8062ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 17 of 20
APPLICATIONS
SINGLE-SUPPLY SYNC STRIPPER
When a video signal contains synchronization pulses, it is
sometimes desirable to remove them prior to performing
certain operations. In the case of A-to-D conversion, the sync
pulses consume some of the dynamic range, so removing them
increases the converter’s available dynamic range for the video
information.
Figure 53 shows a basic circuit for creating a sync stripper using
the AD8061 powered by a single supply. When the negative
supply is at ground potential, the lowest potential to which the
output can go is ground. This feature is exploited to create a
waveform whose lowest amplitude is the black level of the video
and does not include the sync level.
75
Ω
VIDEO OUT
75
Ω
RG
1k
Ω
75
Ω
RF
1k
Ω
10
μF
3V
AD8061
0.1
μF
3
2
4
6
7
VIDEO IN
PIN NUMBERS ARE
FOR 8-LEAD PACKAGE
Figure 53. Single 3 V Sync Stripper Using AD8061
In this case, the input video signal has its black level at ground, so
it comes out at ground at the input. Since the sync level is below
the black level, it will not show up at the output. However, all of
the active video portion of the waveform will be amplified by a
gain of two and then be normalized to unity gain by the back-
terminated transmission line. Figure 54 is an oscilloscope plot
of the input and output waveforms.
500mV
INPUT
OUTPUT
1
2
10
μs
Figure 54. Input and Output Waveforms for a Single-Supply
Video Sync Stripper Using an AD8061
Some video signals with sync are derived from single-supply
devices, such as video DACs. These signals can contain sync,
but the whole waveform is positive, and the black level is not
at ground but at some positive voltage.
The circuit can be modified to provide the sync stripping
function for such a waveform. Instead of connecting RG to
ground, connect it to a dc voltage that is two times the black
level of the input signal. The gain from the +input to the output
is two, which means the black level will be amplified by two to
the output. However, the gain through RG is –unity to the
output. It takes a dc level of twice the input black level to shift
the black level to ground at the output. When this occurs, the
sync will be stripped, and the active video will be passed as in
the ground-referenced case.
75
Ω
10
μF
0.1
μF
3V
3
2
4
6
7
75
Ω
MONITOR
#1
75
Ω
75
Ω
75
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
3V
1k
Ω
3
2
5
6
7
8
1
4
MONITOR
#2
GREEN
DAC
RED
GREEN
BLUE
RED
DAC
BLUE
DAC
75
Ω
75
Ω
75
Ω
75
Ω
AD8061
75
Ω
10
μF
0.1
μF
1k
Ω
AD8062
75
Ω
AD8062
75
Ω
Figure 55. RGB Cable Driver Using AD8061 and AD8062
RGB AMPLIFIER
Most RGB graphics signals are created by video DAC outputs
that drive a current through a resistor to ground. At the video
black level, the current goes to zero, and the voltage of the video
is also zero. Before the availability of high speed rail-to rail op
amps, it was essential that an amplifier have a negative supply
to amplify such a signal. Such an amplifier is necessary if one
wants to drive a second monitor from the same DAC outputs.
However, high speed, rail-to-rail output amplifiers like the
AD8061 and AD8062 accept ground level input signals and
output ground level signals. They are used as RGB signal
amplifiers. A combination of the AD8061 (single) and the
AD8062 (dual) amplifies the three video channels of an RGB
system. Figure 55 shows a circuit that performs this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com