Electronic Components Datasheet Search
  English  ▼

X  

AD8062ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD8062ARM
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8062ARM Datasheet HTML 12Page - Analog Devices AD8062ARM Datasheet HTML 13Page - Analog Devices AD8062ARM Datasheet HTML 14Page - Analog Devices AD8062ARM Datasheet HTML 15Page - Analog Devices AD8062ARM Datasheet HTML 16Page - Analog Devices AD8062ARM Datasheet HTML 17Page - Analog Devices AD8062ARM Datasheet HTML 18Page - Analog Devices AD8062ARM Datasheet HTML 19Page - Analog Devices AD8062ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 18 of 20
The SELECT signal and the output waveforms for this circuit
are shown in Figure 57. For synchronization clarity, two differ-
ent frequency synthesizers, whose time bases are locked to each
other, generate the signals.
MULTIPLEXER
The AD8063 has a disable pin used to power down the ampli-
fier to save power or to create a mux circuit. If two (or more)
AD8063 outputs are connected together, and only one is enabled,
then only the signal of the enabled amplifier will appear at the
output. This configuration is used to select from various input
signal sources. Additionally, the same input signal is applied to
different gain stages, or differently tuned filters, to make a gain-
step amplifier or a selectable frequency amplifier.
1V
2V
2
μs
SELECT
OUTPUT
Figure 56 shows a schematic of two AD8063s used to create a
mux that selects between two inputs. One of these is a 1 V p-p,
3 MHz sine wave; the other is a 2 V p-p, 1 MHz sine wave.
49.9
Ω
1k
Ω
+4V
1
–4V
49.9
Ω
TIME
BASE
OUT
TIME
BASE
IN
1V p-p
3MHz
2V p-p
1MHz
VOUT
49.9
Ω
SELECT
HCO4
1k
Ω
10
μF
0.1
μF
10
μF
0.1
μF
AD8063
49.9
Ω
1k
Ω
+4V
1
–4V
1k
Ω
10
μF
0.1
μF
10
μF
0.1
μF
AD8063
Figure 57. AD8063 Mux Output
Figure 56. Two-to-One Multiplexer Using Two AD8063s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com