Electronic Components Datasheet Search
  English  ▼

X  

AD8062ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8062ARM
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8062ARM Datasheet HTML 1Page - Analog Devices AD8062ARM Datasheet HTML 2Page - Analog Devices AD8062ARM Datasheet HTML 3Page - Analog Devices AD8062ARM Datasheet HTML 4Page - Analog Devices AD8062ARM Datasheet HTML 5Page - Analog Devices AD8062ARM Datasheet HTML 6Page - Analog Devices AD8062ARM Datasheet HTML 7Page - Analog Devices AD8062ARM Datasheet HTML 8Page - Analog Devices AD8062ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Cost, 300 MHz
Rail-to-Rail Amplifiers
AD8061/AD8062/AD8063
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Low cost
Single (AD8061), dual (AD8062)
Single with disable (AD8063)
Rail-to-rail output swing
Low offset voltage: 6 mV
High speed
300 MHz, −3 dB bandwidth (G = 1)
650 V/μs slew rate
8.5 nV/√Hz at 5 V
35 ns settling time to 0.1% with 1 V step
Operates on 2.7 V to 8 V supplies
Input voltage range = −0.2 V to +3.2 V with VS = 5
Excellent video specs (RL = 150 Ω, G = 2)
Gain flatness 0.1 dB to 30 MHz
0.01% differential gain error
0.04° differential phase error
35 ns overload recovery
Low power
6.8 mA/amplifier typical supply current
AD8063 400 μA when disabled
APPLICATIONS
Imaging
Photodiode preamps
Professional video and cameras
Hand sets
DVDs/CDs
Base stations
Filters
ADC drivers
CONNECTION DIAGRAMS
8
7
6
5
1
2
3
4
NC
–IN
+IN
(AD8063 ONLY)
+VS
VOUT
NC
–VS
AD8061/
AD8063
NC = NO CONNECT
(Not to Scale)
DISABLE
VOUT1
–IN1
+IN1
–VS
+VS
VOUT2
–IN2
+IN2
1
2
3
4
8
7
6
5
(Not to Scale)
AD8062
Figure 1. 8-Lead SOIC (R)
Figure 2. 8-Lead SOIC (R)/MSOP (RM)
+IN
+VS
–VS
AD8063
1
2
3
6
4
–IN
VOUT
(Not to Scale)
5 DISABLE
+IN
+VS
–VS
1
2
3
4
–IN
VOUT
5
AD8061
(Not to Scale)
Figure 3. 6-Lead SOT-23 (RT)
Figure 4. 5-Lead SOT-23 (RT)
GENERAL DESCRIPTION
The AD8061, AD8062, and AD8063 are rail-to-rail output
voltage feedback amplifiers offering ease of use and low cost.
They have bandwidth and slew rate typically found in current
feedback amplifiers. All have a wide input common-mode
voltage range and output voltage swing, making them easy to
use on single supplies as low as 2.7 V.
Despite being low cost, the AD8061, AD8062, and AD8063
provide excellent overall performance. For video applications
their differential gain and phase errors are 0.01% and 0.04° into
a 150 Ω load, along with 0.1 dB flatness out to 30 MHz. Addi-
tionally, they offer wide bandwidth to 300 MHz along with
650 V/μs slew rate.
The AD8061, AD8062, and AD8063 offer a typical low power
of 6.8 mA/amplifier, while being capable of delivering up to
50 mA of load current. The AD8063 has a power-down disable
feature that reduces the supply current to 400 μA. These features
make the AD8063 ideal for portable and battery-powered
applications where size and power are critical.
RF = 0Ω
FREQUENCY (MHz)
3
–12
11
–6
100
10
0
–3
–9
k
VO = 0.2V p-p
RL = 1kΩ
VBIAS = 1V
RF
OUT
IN
VBIAS
50
Ω
RL
RF = 50Ω
±
Figure 5. Small Signal Response, RF = 0 Ω, 50 Ω


Similar Part No. - AD8062ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8062ARM AD-AD8062ARM Datasheet
314Kb / 16P
Low-Cost, 300 MHz Rail-to-Rail Amplifiers
5/01-REV.C
AD8062ARM AD-AD8062ARM Datasheet
530Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8062ARM AD-AD8062ARM Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062ARM-EBZ AD-AD8062ARM-EBZ Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062ARM-REEL AD-AD8062ARM-REEL Datasheet
314Kb / 16P
Low-Cost, 300 MHz Rail-to-Rail Amplifiers
5/01-REV.C
More results

Similar Description - AD8062ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8061 AD-AD8061 Datasheet
314Kb / 16P
Low-Cost, 300 MHz Rail-to-Rail Amplifiers
5/01-REV.C
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8648 AD-AD8648 Datasheet
339Kb / 12P
Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
Jan-2006
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com