Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8337 Datasheet HTML 3Page - Analog Devices AD8337 Datasheet HTML 4Page - Analog Devices AD8337 Datasheet HTML 5Page - Analog Devices AD8337 Datasheet HTML 6Page - Analog Devices AD8337 Datasheet HTML 7Page - Analog Devices AD8337 Datasheet HTML 8Page - Analog Devices AD8337 Datasheet HTML 9Page - Analog Devices AD8337 Datasheet HTML 10Page - Analog Devices AD8337 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8337
Rev. B | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±2.5 V, TA = 25°C, RL = 500 Ω, including a 20 Ω snubbing resistor, f = 10 MHz, CL = 2 pF, VIN = 10 mV p-p, noninverting
configuration, unless otherwise noted.
–5
25
10
0
20
30
–800
5
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
15
+85°C
+25°C
–40°C
Figure 3. Gain vs. VGAIN at Three Temperatures
See Figure 44
1.5
0
2.0
–800
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
–2.0
–0.5
0.5
–1.0
1.0
–1.5
+85°C
+25°C
–40°C
Figure 4. Gain Error vs. VGAIN at Three Temperatures
See Figure 44
0
–800
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
–0.5
0.5
RELATIVE TO BEST FIT
LINE FOR 10MHz
–2.0
2.0
–1.5
1.5
–1.0
1.0
f = 1MHz
f = 10MHz
f = 70MHz
f = 100MHz
f = 150MHz
Figure 5. Gain Error vs. VGAIN at Five Frequencies
See Figure 44
GAIN ERROR (dB)
0
30
50
20
40
10
60
500 UNITS
VGAIN = –0.4V
VGAIN =0V
VGAIN = +0.4V
Figure 6. Gain Error Histogram for Three Values of VGAIN
GAIN SCALING (dB/V)
0
30
50
20
40
10
19.7
20.1
20.0
19.9
19.8
19.6
19.3
19.4
19.5
500 UNITS
–0.4V ≤ VGAIN ≤ +0.4V
Figure 7. Gain Scaling Histogram
INTERCEPT (dB)
0
30
50
20
40
10
12.6
13.0
12.9
12.8
12.7
12.5
12.2
12.3
12.4
500 UNITS
Figure 8. Intercept Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com