Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 1 Page - Analog Devices

  AD8337 Datasheet HTML 1Page - Analog Devices AD8337 Datasheet HTML 2Page - Analog Devices AD8337 Datasheet HTML 3Page - Analog Devices AD8337 Datasheet HTML 4Page - Analog Devices AD8337 Datasheet HTML 5Page - Analog Devices AD8337 Datasheet HTML 6Page - Analog Devices AD8337 Datasheet HTML 7Page - Analog Devices AD8337 Datasheet HTML 8Page - Analog Devices AD8337 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General-Purpose, Low Cost,
DC-Coupled VGA
AD8337
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005-2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise
Voltage noise = 2.2 nV/√Hz
Current noise = 4.8 pA/√Hz (positive input)
Wide bandwidth (−3 dB) = 280 MHz
Nominal gain range: 0 dB to 24 dB (preamp gain = 6 dB)
Gain scaling: 19.7 dB/V
DC-coupled
Single-ended input and output
High speed uncommitted op amp input
Supplies: +5 V, ±2.5 V, or ±5 V
Low power: 78 mW with ±2.5 V supplies
APPLICATIONS
Gain trim
PET scanners
High performance AGC systems
I/Q signal processing
Video
Industrial and medical ultrasound
Radar receivers
FUNCTIONAL BLOCK DIAGRAM
VOUT
GAIN
INPP
2
3
5
PRAO
1
INPN
VCOM
+
–
7
AD8337
8 SECTIONS
6
VNEG
VPOS
8
GAIN CONTROL
INTERFACE
8
18dB
PREAMP
(PRA)
4
Figure 1.
GENERAL DESCRIPTION
The AD8337 is a low noise, single-ended, linear-in-dB, general-
purpose variable gain amplifier (VGA) usable at frequencies
from dc to 100 MHz; the −3 dB bandwidth is 280 MHz.
Excellent bandwidth uniformity across the entire gain range
and low output-referred noise makes the AD8337 ideal for
gain trim applications and for driving high speed analog-to-
digital converters (ADCs).
Excellent dc characteristics combined with high speed make
the AD8337 particularly suited for industrial ultrasound, PET
scanners, and video applications. Dual-supply operation enables
gain control of negative-going pulses such as generated by
photodiodes or photomultiplier tubes.
The AD8337 uses the popular and versatile X-AMP® architecture,
exclusively from Analog Devices, Inc., with a gain range of 24 dB.
The gain control interface provides precise linear-in-dB scaling
of 19.7 dB/V, referenced to VCOM.
The AD8337 includes an uncommitted operational current-
feedback preamplifier (PrA) that operates in inverting or
noninverting configurations. Using external resistors, the
device can be configured for gains of 6 dB or greater. The
AD8337 is characterized by a noninverting PrA gain of 2× using
two external 100 Ω resistors. The attenuator has a range of
24 dB, and the output amplifier has a fixed gain of 8× (18.06 dB).
The lowest nominal gain range is 0 dB to 24 dB and can
be shifted up or down by adjusting the preamp gain. Multiple
AD8337s can be connected in series for larger gain ranges, and
for interstage filtering to suppress noise and distortion, and for
nulling offset voltages.
The operating temperature range is –40°C to +85°C, and it is
available in an 8-lead, 3 mm × 3 mm LFCSP.


Similar Part No. - AD8337

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
AD8337-EVALZ AD-AD8337-EVALZ Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
AD8337-EVALZ-INV AD-AD8337-EVALZ-INV Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
AD8337-EVALZ-SS AD-AD8337-EVALZ-SS Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
More results

Similar Description - AD8337

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
Low Cost General Purpose Transistors
AT41586 HP-AT41586 Datasheet
61Kb / 6P
Low Cost General Purpose Transistors
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
LOW COST VGA CONTROLLER
logo
Analog Devices
AD8336 AD-AD8336 Datasheet
1Mb / 28P
General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
10/06-Revision 0
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
Low Cost General Purpose Transistors
logo
Analog Devices
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com