Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8337 Datasheet HTML 6Page - Analog Devices AD8337 Datasheet HTML 7Page - Analog Devices AD8337 Datasheet HTML 8Page - Analog Devices AD8337 Datasheet HTML 9Page - Analog Devices AD8337 Datasheet HTML 10Page - Analog Devices AD8337 Datasheet HTML 11Page - Analog Devices AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8337
Rev. B | Page 10 of 24
SOURCE RESISTANCE (Ω)
1
10
100
10
0.1
11
–
k
40
25
–50
05
40
10
35
15
30
20
–60
–80
–70
45
50
RS THERMAL NOISE ALONE
INPUT REFERRED NOISE
f = 10MHz,
VGAIN = 0.7V
Figure 21. Input-Referred Noise vs. RS
See Figure 61
25
0
20
30
–800
VGAIN (mV)
–600
–200
–400
400
600
200
800
15
50Ω SOURCE
5
10
35
WITH 50Ω SHUNT
TERMINATION AT INPUT
UNTERMINATED
Figure 22. Noise Figure vs. VGAIN
See Figure 51
–40
–50
0
LOAD RESISTANCE (Ω)
200
400
600
800
–60
–80
–70
2.0k
1.0k 1.2k 1.4k 1.6k 1.8k
VOUT = 1V p-p
VGAIN = 0V
HD3 VS = ±2.5V
HD3 VS = ±5V
HD2 VS = ±2.5V
HD2 VS = ±5V
Figure 23. Harmonic Distortion vs. RLOAD and Supply Voltage
See Figure 52
LOAD CAPACITANCE (pF)
HD3
HD2
Figure 24. Harmonic Distortion vs. Load Capacitance
See Figure 52
–30
200
–50
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
–60
–80
–70
–40
1MHz
10MHz
35MHz
100MHz
Figure 25. HD2 vs. VGAIN at Four Frequencies
See Figure 52
–30
200
–50
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
–60
–80
–70
–40
1MHz
10MHz
35MHz
100MHz
Figure 26. HD3 vs. VGAIN at Four Frequencies
See Figure 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com