Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8337
Rev. B | Page 18 of 24
THEORY OF OPERATION
VOUT
GAIN
RG
18dB
(8X)
2
1
6
PRAO
VNEG
VCOM
+
–
7
749Ω
107Ω
PRA
6dB
GAIN
INTERFACE
BIAS
+
–
8
VPOS
INPP
INPN
5
3
4
INTERPOLATOR
ATTENUATOR
–24dB TO 0dB
+
–
RFB1 = RFB2 = 100Ω
RFB2
RFB1
Figure 65. Block Diagram
OVERVIEW
The AD8337 is a low noise, single-ended, linear-in-dB, general-
purpose, variable gain amplifier (VGA) usable at frequencies
up to 100 MHz. It is fabricated using a proprietary Analog
Devices dielectrically isolated, complementary bipolar process.
The bandwidth is dc to 280 MHz and features low dc offset
voltage and an ideal nominal gain range of 0 dB to 24 dB.
Requiring about 15.5 mA, the power consumption is only
78 mW from either a single +5 V or a dual ±2.5 V supply.
Figure 65 is the circuit block diagram of the AD8337.
PREAMPLIFIER
An uncommitted, current-feedback op amp included in the
AD8337 can be used as a preamplifier to buffer the ladder
network attenuator of the X-AMP. As with any op amp, the gain
is established using external resistors, and the preamplifier is
specified with a noninverting gain of 6 dB (2×) and gain resistor
values of 100 Ω. The preamplifier gain can be increased using
larger values of RFB2, trading off bandwidth and offset voltage.
The value of RFB2 should be ≥100 Ω because it and an internal
compensation capacitor determines the 3 dB bandwidth, and
smaller values can compromise preamplifier stability.
Because the AD8337 is dc-coupled, larger preamp gains increase
the offset voltage. The offset voltage can be compensated by
connecting a resistor between the INPN input and the supply
voltage. If the offset is negative, the resistor value connects to the
negative supply. For ease of adjustment, a trimmer network
can be used.
For larger gains, the overall noise is reduced if a low value of
RFB1 is selected. For values of RFB1 = 20 Ω and RFB2 = 301 Ω, the
preamp gain is 16× (24.1 dB), and the input-referred noise is
approximately 1.5 nV/√Hz. For this value of gain, the overall
gain range increases by 18 dB; therefore, the gain range is
18 dB to 42 dB.
VGA
This X-AMP, with its linear-in-dB gain characteristic
architecture, yields the optimum dynamic range for receiver
applications. Referring to Figure 65, the signal path consists
of a −24 dB variable attenuator followed by a fixed gain amplifier
of 18 dB, for a total VGA gain range of −6 dB to +18 dB. With
the preamplifier configured for a gain of 6 dB, the composite
gain range is 0 dB to 24 dB.
The VGA plus preamp with 6 dB of gain implements the
following exact gain law
(dB)
V
dB
19.7
(dB)
ICPT
GAIN
V
Gain
+
⎥⎦
⎤
⎢⎣
⎡
×
=
where the nominal intercept (ICPT) is 12.65 dB.
The ICPT increases as the gain of the preamp is increased. For
example, if the gain of the preamp is increased by 6 dB, ICPT
increases to 18.65 dB. Although the previous equation shows
the exact gain law as based on statistical data, a quick estimation
of signal levels can be made using the default slope of 20 dB/V
for a particular gain setting. For example, the change in gain for
a VGAIN change of 0.3 V is 6 dB using a slope of 20 dB/V and
5.91 dB using the exact slope of 19.6 dB/V. This is a difference
of only 0.09 dB.
GAIN CONTROL
The gain control interface provides a high impedance input
and is referenced to VCOM pin (in a single-supply application
to midsupply at [VPOS + VNEG]/2 for optimum swing).
When dual supplies are used, VCOM is connected to ground.
The voltage on the VCOM pin determines the midpoint of the
gain range. For a ground referenced design, the VGAIN range is
from −0.7 V to +0.7 V with the most linear-in-dB section of the
gain control between −0.6 V and +0.6 V. In the center 80% of
the VGAIN range, the gain error is typically less than ±0.2 dB. The
gain control voltage can be increased or decreased to the positive
or negative rails without gain foldover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com