Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 73 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 69Page - Texas Instruments AMC131M03 Datasheet HTML 70Page - Texas Instruments AMC131M03 Datasheet HTML 71Page - Texas Instruments AMC131M03 Datasheet HTML 72Page - Texas Instruments AMC131M03 Datasheet HTML 73Page - Texas Instruments AMC131M03 Datasheet HTML 74Page - Texas Instruments AMC131M03 Datasheet HTML 75Page - Texas Instruments AMC131M03 Datasheet HTML 76Page - Texas Instruments AMC131M03 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
8.6.17 CH2_CFG Register (Address = 13h) [Reset = 0000h]
Return to the Summary Table.
Figure 8-49. CH2_CFG Register
15
14
13
12
11
10
9
8
PHASE2[9:0]
R/W-0000000000b
7
6
5
4
3
2
1
0
PHASE2[9:0]
TS_SEL
TS_EN
RESERVED
TS_CHOP
MUX2[1:0]
R/W-0000000000b
R/W-0b
R/W-0b
R-0b
R/W-0b
R/W-00b
Table 8-32. CH2_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15:6
PHASE2[9:0]
R/W
0000000000b
Channel 2 phase delay selection
Phase delay in modulator clock cycles provided in twos complement format.
5
TS_SEL
R/W
0b
Temperature sensor input selection
Selects between internal and external temperature sensor.
0b = Internal sensor
1b = External sensor
4
TS_EN
R/W
0b
Temperature sensor measurement mode enable
0b = Temperature sensor disabled
1b = Temperature sensor enabled
3
RESERVED
R
0b
Reserved
Always reads 0000b
2
TS_CHOP
R/W
0b
Temperature sensor input polarity selection
Inverts the temperature sensor inputs.
0b = Temperature sensor inputs are not inverted
1b = Temperature sensor inputs are inverted
1:0
MUX2[1:0]
R/W
00b
Channel 2 input selection
Input multiplexer for channel 2
00b = AIN2P and AIN12N
01b = AIN2 disconnected (ADC inputs shorted)
10b = DC diagnostic signal
11b = AC diagnostic signal
www.ti.com
AMC131M03-Q1
SBASAO3A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com