Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 18 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 14Page - Texas Instruments AMC131M03 Datasheet HTML 15Page - Texas Instruments AMC131M03 Datasheet HTML 16Page - Texas Instruments AMC131M03 Datasheet HTML 17Page - Texas Instruments AMC131M03 Datasheet HTML 18Page - Texas Instruments AMC131M03 Datasheet HTML 19Page - Texas Instruments AMC131M03 Datasheet HTML 20Page - Texas Instruments AMC131M03 Datasheet HTML 21Page - Texas Instruments AMC131M03 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
Table 7-3. Effective Resolution (Bits) at TA = 25°C, Channel 0
OSR
DATA RATE (kSPS),
fCLKIN = 8.192 MHz
GAIN
1
2
4
8
16
32
64
128
16384
0.25
19.2
19.1
18.4
18.2
17.4
17.3
16.0
15.2
8192
0.5
19.0
18.5
17.7
17.0
16.5
15.6
15.1
14.3
4096
1
18.5
18.2
17.5
16.9
16.4
15.5
14.6
13.5
2048
2
18.3
17.9
17.2
16.6
15.9
15.4
14.6
13.3
1024
4
18.1
17.6
16.9
16.2
15.4
15.4
14.2
12.7
512
8
17.6
17.0
16.3
15.5
14.8
14.1
13.0
12.1
256
16
17.1
16.6
15.8
15.1
14.4
13.5
12.7
11.9
128
32
16.5
16.1
15.3
14.8
14.2
13.2
12.1
11.2
64
64
14.9
14.8
14.4
14.1
13.7
12.9
12.0
11.0
AMC131M03-Q1
SBASAO3A – MAY 2023 – REVISED SEPTEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com