Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 19Page - Texas Instruments AMC131M03 Datasheet HTML 20Page - Texas Instruments AMC131M03 Datasheet HTML 21Page - Texas Instruments AMC131M03 Datasheet HTML 22Page - Texas Instruments AMC131M03 Datasheet HTML 23Page - Texas Instruments AMC131M03 Datasheet HTML 24Page - Texas Instruments AMC131M03 Datasheet HTML 25Page - Texas Instruments AMC131M03 Datasheet HTML 26Page - Texas Instruments AMC131M03 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
The input impedance of the PGA dominates the input impedance characteristics of the AMC131M03-Q1.
The PGA input impedance for gain settings up to 4 behaves according to Equation 4 without accounting for
device tolerance and change over temperature. Minimize the output impedance of the circuit that drives the
AMC131M03-Q1 inputs to obtain the best possible gain error, INL, and distortion performance.
275 kΩ × 4.096 MHz / fMOD
(4)
where:
• fMOD is the ΔΣ modulator frequency, fCLKIN / NDIV
By default, NDIV = 2. NDIV is set by the programmable clock divider, see the Clocking and Power Modes section.
The device uses an input precharge buffer for PGA gain settings of 8 and higher. The input impedance at these
gain settings is very high. Specifying the input bias current for these gain settings is therefore more useful.
8.3.7 Voltage Reference
The AMC131M03-Q1 uses an internally generated, low-drift, band-gap voltage to supply the reference for the
ADC. The reference has a nominal voltage of 1.2 V, allowing the differential input voltage to swing from –1.2 V to
1.2 V. The reference circuitry starts up very quickly to accommodate the fast start-up feature of this device. The
device waits until the reference circuitry is fully settled before generating conversion data.
8.3.8 Internal Test Signals
The AMC131M03-Q1 features an internal analog test signal that is useful for troubleshooting and diagnosis.
A positive or negative DC test signal can be applied to the channel inputs through the input multiplexer. The
multiplexer is controlled through the MUXn[1:0] bits in the CHn_CFG register. The test signals are created by
internally dividing the reference voltage. The same signal is shared by all channels.
The test signal is nominally 2 / 15 × VREF. The test signal automatically adjusts the voltage level with the gain
setting such that the ADC always measures a signal that is 2 / 15 × VDiff Max. For example, at a gain of 1, this
voltage equates to 160 mV. At a gain of 2, this voltage is 80 mV.
www.ti.com
AMC131M03-Q1
SBASAO3A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com