Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 17Page - Texas Instruments AMC131M03 Datasheet HTML 18Page - Texas Instruments AMC131M03 Datasheet HTML 19Page - Texas Instruments AMC131M03 Datasheet HTML 20Page - Texas Instruments AMC131M03 Datasheet HTML 21Page - Texas Instruments AMC131M03 Datasheet HTML 22Page - Texas Instruments AMC131M03 Datasheet HTML 23Page - Texas Instruments AMC131M03 Datasheet HTML 24Page - Texas Instruments AMC131M03 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
TX IN
Oscillator
OOK
Modulation
Transmitter
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
RX OUT
SiO2-Based
Capacitive
Reinforced
Isolation
Barrier
Figure 8-1. Block Diagram of an Isolation Channel
Figure 8-2 shows the concept of the on-off keying scheme.
TX IN
Carrier Signal Across
the Isolation Barrier
RX OUT
Figure 8-2. OOK-Based Modulation Scheme
8.3.4 Input ESD Protection Circuitry
Basic electrostatic discharge (ESD) circuitry protects the AMC131M03-Q1 inputs from ESD and overvoltage
events in conjunction with external circuits and assemblies. Figure 8-3 shows a simplified representation of the
ESD circuit. The protection for input voltages exceeding VHLDO_OUT can be modeled as a simple diode.
AINnP
AINnN
HLDO_OUT
HLDO_OUT
To analog inputs
Figure 8-3. Input ESD Protection Circuitry
The AMC131M03-Q1 has an integrated negative charge pump that allows for input voltages below HGND with a
unipolar supply. Consequently, shunt diodes between the inputs and HGND cannot be used to clamp excessive
negative input voltages. Instead, the same diode that clamps overvoltage also clamps undervoltage at the
www.ti.com
AMC131M03-Q1
SBASAO3A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com