Electronic Components Datasheet Search
  English  ▼

X  

OPA387DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387DBVT
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA387DBVT Datasheet HTML 5Page - Texas Instruments OPA387DBVT Datasheet HTML 6Page - Texas Instruments OPA387DBVT Datasheet HTML 7Page - Texas Instruments OPA387DBVT Datasheet HTML 8Page - Texas Instruments OPA387DBVT Datasheet HTML 9Page - Texas Instruments OPA387DBVT Datasheet HTML 10Page - Texas Instruments OPA387DBVT Datasheet HTML 11Page - Texas Instruments OPA387DBVT Datasheet HTML 12Page - Texas Instruments OPA387DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
6.8 Typical Characteristics
at TA = 25°C, VS = ±2.75 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 50 pF (unless otherwise noted)
Input Offset Voltage (PV)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
40
45
50
c110
VS = 5.5 V, TA = 25°C
Figure 6-1. Offset Voltage Distribution
Input Offset Voltage (PV)
0
5
10
15
20
25
30
35
40
45
50
55
60
-5
-4
-3
-2
-1
0
1
2
3
4
5
c100
VS = 5.5 V, TA = –40°C
Figure 6-2. Offset Voltage Distribution
Input Offset Voltage (PV)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
c101
VS = 5.5 V, TA = 125°C
Figure 6-3. Offset Voltage Distribution
Offset Voltage Drift (PV/qC)
0
10
20
30
40
50
60
-0.02
-0.01
0
0.01
0.02
c103
VS = 5.5 V
Figure 6-4. Offset Voltage Drift Distribution
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-3
-2
-1
0
1
2
3
c108
Figure 6-5. Offset Voltage vs Temperature
Input Common Mode Voltage (V)
-3
-2
-1
0
1
2
3
-3
-2
-1
0
1
2
3
VCM = 2.95 V
VCM = 2.85 V
c111
Figure 6-6. Offset Voltage vs Common-Mode Voltage
www.ti.com
OPA387, OPA2387, OPA4387
SBOS984G – NOVEMBER 2020 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA387 OPA2387 OPA4387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com