Electronic Components Datasheet Search
  English  ▼

X  

OPA387DBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387DBVT
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA387DBVT Datasheet HTML 18Page - Texas Instruments OPA387DBVT Datasheet HTML 19Page - Texas Instruments OPA387DBVT Datasheet HTML 20Page - Texas Instruments OPA387DBVT Datasheet HTML 21Page - Texas Instruments OPA387DBVT Datasheet HTML 22Page - Texas Instruments OPA387DBVT Datasheet HTML 23Page - Texas Instruments OPA387DBVT Datasheet HTML 24Page - Texas Instruments OPA387DBVT Datasheet HTML 25Page - Texas Instruments OPA387DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
27-Sep-2023
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
OPA2387DGKR
ACTIVE
VSSOP
DGK
8
2500
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
2B2T
Samples
OPA2387DGKT
ACTIVE
VSSOP
DGK
8
250
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
2B2T
Samples
OPA2387DR
ACTIVE
SOIC
D
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
OP2387
Samples
OPA2387DSGR
ACTIVE
WSON
DSG
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2N3H
Samples
OPA2387DSGT
ACTIVE
WSON
DSG
8
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
2N3H
Samples
OPA387DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
2IMT
Samples
OPA387DBVT
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
2IMT
Samples
OPA4387PWR
ACTIVE
TSSOP
PW
14
3000
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
OPA4387
Samples
OPA4387PWT
ACTIVE
TSSOP
PW
14
250
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
OPA4387
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com