Electronic Components Datasheet Search
  English  ▼

X  

OPA387DBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387DBVT
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA387DBVT Datasheet HTML 11Page - Texas Instruments OPA387DBVT Datasheet HTML 12Page - Texas Instruments OPA387DBVT Datasheet HTML 13Page - Texas Instruments OPA387DBVT Datasheet HTML 14Page - Texas Instruments OPA387DBVT Datasheet HTML 15Page - Texas Instruments OPA387DBVT Datasheet HTML 16Page - Texas Instruments OPA387DBVT Datasheet HTML 17Page - Texas Instruments OPA387DBVT Datasheet HTML 18Page - Texas Instruments OPA387DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
7.3 Feature Description
7.3.1 Input Bias Current
During normal operation, the typical input bias current of the OPAx387 is 30 pA. The device exhibits low drift
over the full temperature range of –40°C to +125°C. There are no antiparallel diodes between the input pins
(+IN and –IN); therefore, the differential input maximum voltage is limited only by diodes connected to the
supply voltage pins. However, use caution in cases where the input differential voltage exceeds the nominal
operating input differential voltage. When inputs are separated, the switching offset-cancellation path internal to
the amplifier exceeds normal operating conditions, and can potentially create long settling behavior upon return
to normal operation. The equivalent input circuit of OPAx387 is shown in Figure 7-1.
+
–
CORE
450
450
+IN
–IN
V+
V–
Figure 7-1. Equivalent Input Circuit
7.3.2 EMI Susceptibility and Input Filtering
Operational amplifiers can exhibit sensitivity to electromagnetic interference (EMI). Typically, conducted EMI
(that is, EMI that enters the device through conduction) is more commonly observed than radiated EMI (that
is, EMI that enters the device through radiation). When conducted EMI enters the operational amplifier, the
dc offset at the amplifier output can shift from the nominal value. This shift is a result of signal rectification
associated with the internal semiconductor junctions. Although all operational amplifier pin functions can be
affected by EMI, the input pins are likely to be the most susceptible. The OPAx387 operational amplifier family
incorporates an internal input low-pass filter that reduces the amplifier response to EMI. Both common-mode and
differential-mode filtering are provided by the input filter. The conducted EMI rejection of the OPAx387 is seen in
Figure 7-2.
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
10M
100M
1G
5G
c104
Figure 7-2. EMI Rejection Ratio
7.4 Device Functional Modes
The OPAx387 have a single functional mode and are operational when the power-supply voltage is greater than
1.7 V (±0.85 V). The maximum specified power-supply voltage for the OPAx387 is 5.5 V (±2.75 V).
www.ti.com
OPA387, OPA2387, OPA4387
SBOS984G – NOVEMBER 2020 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA387 OPA2387 OPA4387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com