Electronic Components Datasheet Search
  English  ▼

X  

OPA387DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387DBVT
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA387DBVT Datasheet HTML 9Page - Texas Instruments OPA387DBVT Datasheet HTML 10Page - Texas Instruments OPA387DBVT Datasheet HTML 11Page - Texas Instruments OPA387DBVT Datasheet HTML 12Page - Texas Instruments OPA387DBVT Datasheet HTML 13Page - Texas Instruments OPA387DBVT Datasheet HTML 14Page - Texas Instruments OPA387DBVT Datasheet HTML 15Page - Texas Instruments OPA387DBVT Datasheet HTML 16Page - Texas Instruments OPA387DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±2.75 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 50 pF (unless otherwise noted)
Time (100 µs/div)
C125
VIN
VOUT
Figure 6-25. No Phase Reversal
Time (500 ns/div)
C133
VIN
VOUT
G = –1
Figure 6-26. Overload Recovery
Time (1 µs/div)
C128
VIN
VOUT
G = +1
Figure 6-27. Small-Signal Step Response
Time (1 µs/div)
c105
VIN
VOUT
4-V step
Figure 6-28. Large-Signal Step Response
Time (10 µs/div)
C135
Rising Edge
Falling Edge
0.01% settling = ±100 µV
Figure 6-29. Settling Time
www.ti.com
OPA387, OPA2387, OPA4387
SBOS984G – NOVEMBER 2020 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA387 OPA2387 OPA4387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com