Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 29Page - Texas Instruments TPS37 Datasheet HTML 30Page - Texas Instruments TPS37 Datasheet HTML 31Page - Texas Instruments TPS37 Datasheet HTML 32Page - Texas Instruments TPS37 Datasheet HTML 33Page - Texas Instruments TPS37 Datasheet HTML 34Page - Texas Instruments TPS37 Datasheet HTML 35Page - Texas Instruments TPS37 Datasheet HTML 36Page - Texas Instruments TPS37 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
The DYY layout example in Figure 10-6 shows how the TPS37-Q1 is laid out on a printed circuit board (PCB)
with user-defined delays.
Monitored Voltage
Overvoltage Flag
CVDD
2
3
12
4
11
5
10
14
GND
RPU2
1
VDD
RPU1
Undervoltage Flag
TPS37-Q1
Monitored Voltage
V
PULL-UP
V
PULL-UP
6
7
9
8
DYY Package
GND
13
GND
CSENSE1
CSENSE2
NC
NC
NC
Vias used to connect pins for application-specific connections
Figure 10-6. TPS37-Q1 DYY Package Recommended Layout
10.5.3 Creepage Distance
Per IEC 60664 Creepage is the shortest distance between two conductive parts or as shown in Figure 10-7 the
distance between high voltage conductive parts and grounded parts, the floating conductive part is ignored and
subtracted from the total distance.
a
b
B
A
C
Figure 10-7. Creepage Distance
Figure 10-7 details:
• A = Left pins (high voltage)
• B = Central pad (not internally connected, can be left floating or connected to GND)
• C = Right pins (low voltage)
• Creepage distance = a + b
www.ti.com
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com