Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 25Page - Texas Instruments TPS37 Datasheet HTML 26Page - Texas Instruments TPS37 Datasheet HTML 27Page - Texas Instruments TPS37 Datasheet HTML 28Page - Texas Instruments TPS37 Datasheet HTML 29Page - Texas Instruments TPS37 Datasheet HTML 30Page - Texas Instruments TPS37 Datasheet HTML 31Page - Texas Instruments TPS37 Datasheet HTML 32Page - Texas Instruments TPS37 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
10.3.1.1 Design Requirements
This design requires voltage supervision on a 12 V power supply voltage rail with possibility of the 12 V rail rising
up as high as 42 V. The undervoltage fault occurs when the power supply voltage drops below 7.7 V.
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Power Rail Voltage Supervision
Monitor 12-V power supply for undervoltage
condition, trigger a undervoltage fault at 7.7 V.
TPS37-Q1 provides voltage monitoring with
1.5% max accuracy with adjustable/non-adjustable
variations.
Maximum Input Power
Operate with power supply input up to 42 V.
The TPS37-Q1 can support a VDD of up to 65 V.
Output logic voltage
Open-Drain Output Topology
An open-drain output is recommended to provide
the correct reset signal, but a push-pull can also be
used.
Maximum system current
consumption
2 µA max when power supply is at 12 V typical
TPS37-Q1 allows for IQ to remain low with support
of up to 65 V. This allows for no external resistor
divider to be required.
Voltage Monitor Accuracy
Maximum voltage monitor accuracy of 1.5%.
The TPS37-Q1 has 1.5% maximum voltage
monitor accuracy.
Delay when returning from fault
condition
RESET delay of at least 12.8 ms when returning
from a undervoltage fault.
CCTR = 10 nF sets 12.8 ms delay
10.3.1.2 Detailed Design Procedure
The primary advantage of this application is being able to directly monitor a voltage on an automotive battery
without needing external resistor dividers on the SENSEx inputs. This keeps the overall IQ of the design low
while still achieving the desired rail monitoring.
As shown in Figure 10-2, rail monitoring is done by connecting SENSE1 and SENSE2 inputs directly to the
battery rail after the TVS protection diodes. The TPS37-Q1 that is being used in this example is a fixed voltage
variant where SENSE1 and SENSE 2 threshold voltages have been set internally by the factory. Word of
caution, the TVS protection diodes must be chosen such that the transient voltages on the monitored rails do not
exceed the absolute max limit listed in Section 7.1.
To use this configuration, the specific voltage threshold variation of the device must be chosen according to the
application. In this configuration, the '77' variation must be chosen for 7.7 V as shown in Table 11-1.
The device being able to handle 65 V on VDD means the monitored voltage rail can go as high as 42 V for the
application transients and not violate the recommended maximum for the supervisor as it usually would. This
is useful when monitoring a voltage rail that has a wide range that may go much higher than the nominal rail
voltage such as in this case. Good design practice recommends using a 0.1 µF capacitor on the VDD pin and
this capacitance may need to increase if using an adjustable version with a resistor divider.
www.ti.com
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com