Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 18Page - Texas Instruments TPS37 Datasheet HTML 19Page - Texas Instruments TPS37 Datasheet HTML 20Page - Texas Instruments TPS37 Datasheet HTML 21Page - Texas Instruments TPS37 Datasheet HTML 22Page - Texas Instruments TPS37 Datasheet HTML 23Page - Texas Instruments TPS37 Datasheet HTML 24Page - Texas Instruments TPS37 Datasheet HTML 25Page - Texas Instruments TPS37 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
8.3.3 Output Logic Configurations
TPS37-Q1 has two channels with separate sense pins and reset pins that can be configured independently of
each other. Channel 1 is available as Open-Drain and Push-Pull while channel 2 is only available as Open-Drain
topology.
The available output logic configuration combinations are shown in Table 8-2.
Table 8-2. TPS37-Q1 Output Logic
DESCRIPTION
NOMENCLATURE
VALUE
GPN
TPS37-Q1 (+ topology)
CHANNEL 1
CHANNEL 2
Topology (OV and UV only)
both channels are either OV or
UV
•
UV = Undervoltage
•
OV = Overvoltage
•
PP = Push-Pull
•
OD = Open-Drain
•
L = Active low
•
H = Active high
TPS37A-Q1
OV OD L
UV OD L
TPS37B-Q1
OV PP H
UV OD L
TPS37C-Q1
OV OD L
UV OD H
TPS37D-Q1
OV PP H
UV OD H
TPS37E-Q1
OV OD H
UV OD H
TPS37F-Q1
OV OD H
UV OD L
TPS37G-Q1
OV PP L
UV OD H
TPS37H-Q1
OV PP L
UV OD L
8.3.3.1 Open-Drain
Open-drain output requires an external pull-up resistor to hold the voltage high to the required voltage logic.
Connect the pull-up resistor to the proper voltage rail to enable the output to be connected to other devices at
the correct interface voltage levels.
To select the right pull-up resistor consider system VOH and the (Ilkg) current provided in the electrical
characteristics, high resistors values will have a higher voltage drop affecting the output voltage high. The
open-drain output can be connected as a wired-AND logic with other open-drain signals such as another
TPS37-Q1 open-drain output pin.
8.3.3.2 Push-Pull
Push-Pull output does not require an external resistor since is the output is internally pulled-up to VDD during
VOH condition and output will be connected to GND during VOH condition.
8.3.3.3 Active-High (RESET)
RESET (active-high), denoted with no bar above the pin label. RESET remains low (VOL, deasserted) as long as
sense voltage is in normal operation within the threshold boundaries and VDD voltage is above UVLO. To assert
a reset sense pins needs to meet the condition below:
• For undervoltage variant the SENSE voltage need to cross the lower boundary (VITN).
• For overvoltage variant the SENSE voltage needs to cross the upper boundary (VITP).
8.3.3.4 Active-Low (RESET)
RESET (active low) denoted with a bar above the pin label. RESET remains high voltage (VOH, deasserted)
(open-drain variant VOH is measured against the pullup voltage) as long as sense voltage is in normal operation
within the threshold boundaries and VDD voltage is above UVLO. To assert a reset sense pins needs to meet
the condition below:
• For undervoltage variant the SENSE voltage need to cross the lower boundary (VITN).
• For overvoltage variant the SENSE voltage needs to cross the upper boundary (VITP).
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com