Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1360 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXLD1360
Description  1A LED driver with internal switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1360 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXLD1360 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Issue 1 - March 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXLD1360
1A LED driver with internal switch
Description
The
ZXLD1360
is
a
continuous
mode
inductive step-down converter, designed for
driving single or multiple series connected
LEDs efficiently from a voltage source higher
than the LED voltage. The device operates
from an input supply between 7V and 30V and
provides an externally adjustable output
current of up to 1A. Depending upon supply
voltage and external components, this can
provide up to 24 watts of output power.
The ZXLD1360 includes the output switch and
a high-side output current sensing circuit,
which uses an external resistor to set the
nominal average output current.
Output current can be adjusted above, or
below the set value, by applying an external
control signal to the 'ADJ' pin.
The ADJ pin will accept either a DC voltage or a
PWM waveform. Depending upon the control
frequency, this will provide either a continuous
or a gated output current. The PWM filter
components are contained within the chip.
The PWM filter provides a soft-start feature by
controlling the rise of input/output current. The
soft-start time can be increased using an
external capacitor from the ADJ pin to ground.
Applying a voltage of 0.2V or lower to the ADJ
pin turns the output off and switches the device
into a low current standby state.
Features
•
Simple low parts count
•
Internal 30V NDMOS switch
•
1A output current
•
Single pin on/off and brightness control
using DC voltage or PWM
•
Internal PWM filter
•Soft-start
•
High efficiency (up to 95%)
•
Wide input voltage range: 7V to 30V
•
40V transient capability
•
Output shutdown
•
Up to 1MHz switching frequency
•
Inherent open-circuit LED protection
•
Typical 4% output current accuracy
Applications
•
Low voltage halogen replacement LEDs
•
Automotive lighting
•
Low voltage industrial lighting
•
LED back-up lighting
•
Illuminated signs
Pin connections
Typical application circuit
LX
TSOT23-5
Top view
1
2
3
5
4
GND
ADJ
VIN
ISENSE
VIN
ISENSE
LX
GND
ZXLD1360
ADJ
VIN (7V - 30V)
Rs
0.1
4.7 F
C1
GND
N/C
D1
47 H
L1


Similar Part No. - ZXLD1360

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
ZXLD1360Q DIODES-ZXLD1360Q Datasheet
724Kb / 22P
AUTOMOTIVE GRADE 30V 1A LED DRIVER
Rev 1
More results

Similar Description - ZXLD1360

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
30V 1A LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com