Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1360 Datasheet(PDF) 14 Page - Zetex Semiconductors

Part # ZXLD1360
Description  1A LED driver with internal switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1360 Datasheet(HTML) 14 Page - Zetex Semiconductors

Back Button ZXLD1360 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 11Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 12Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 13Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 14Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 15Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 16Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 17Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 18Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ZXLD1360
Issue 1 - March 2007
14
www.zetex.com
© Zetex Semiconductors plc 2007
Typical operating conditions
ZXLD1360 Response Time vs Temperature
Typical minimum LX 'on' and 'off' time
0
50
100
150
200
250
300
350
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature (°C)
Min LX on
Min LX off
Lx Switch "On" Resistance vs Temperature
0.20
0.30
0.40
0.50
0.60
0.70
0.80
-50
0
50
100
150
200
Ambie nt Te mpe rature (
oC )
Vadj vs Te mperature
L = 470uH, Rs = 0.33 Ohms
1.21
1.215
1.22
1.225
1.23
1.235
1.24
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature (
oC )
12V, single LED
12V, three LED
24V, single LED
24V, three LED
Voltage across Rsense (0.333 Ohm) vs Temperature
98.4
98.6
98.8
99
99.2
99.4
99.6
99.8
100
100.2
100.4
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature (
oC )
12V, three LED
24V, single LED
12V, single LED
24V, three LED
Output curre nt change v s Te mpe rature
V
IN = 12V, L= 470uH, Rs = 0.33 Ohms
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature (
oC )
12V, single LED
12V, three LED
Output curre nt change v s Te mpe rature
V
IN = 24V, L= 470uH, Rs = 0.33 Ohms
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
-55
-35
-15
5
25
45
65
85
105
125
Ambie nt Te mpe rature (
o
C )
24V, single LED
24V, three LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com