Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1360 Datasheet(PDF) 22 Page - Zetex Semiconductors

Part # ZXLD1360
Description  1A LED driver with internal switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1360 Datasheet(HTML) 22 Page - Zetex Semiconductors

Back Button ZXLD1360 Datasheet HTML 18Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 19Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 20Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 21Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 22Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 23Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 24Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 25Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 26Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ZXLD1360
Issue 1 - March 2007
22
www.zetex.com
© Zetex Semiconductors plc 2007
Note that the device power dissipation will most often be a maximum at minimum supply
voltage. It will also increase if the efficiency of the circuit is low. This may result from the use of
unsuitable coils, or excessive parasitic output capacitance on the switch output.
Thermal compensation of output current
High luminance LEDs often need to be supplied with a temperature compensated current in order
to maintain stable and reliable operation at all drive levels. The LEDs are usually mounted
remotely from the device so, for this reason, the temperature coefficients of the internal circuits
for the ZXLD1360 have been optimized to minimize the change in output current when no
compensation is employed. If output current compensation is required, it is possible to use an
external temperature sensing network - normally using Negative Temperature Coefficient (NTC)
thermistors and/or diodes, mounted very close to the LED(s). The output of the sensing network
can be used to drive the ADJ pin in order to reduce output current with increasing temperature.
Maximum Power Dissipation
0
100
200
300
400
500
600
700
800
900
1000
1100
-50
-30
-10
10
30
50
70
90
110
130
150
Ambient Temperature (Deg C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com