Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1360 Datasheet(PDF) 25 Page - Zetex Semiconductors

Part # ZXLD1360
Description  1A LED driver with internal switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1360 Datasheet(HTML) 25 Page - Zetex Semiconductors

Back Button ZXLD1360 Datasheet HTML 20Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 21Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 22Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 23Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 24Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 25Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 26Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 27Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 28Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ZXLD1360
Issue 1 - March 2007
25
www.zetex.com
© Zetex Semiconductors plc 2007
High frequency PWM mode
At PWM frequencies above 10kHz and for duty cycles above 0.16, the output of the internal low
pass filter will contain a DC component that is always above the shutdown threshold. This will
maintain continuous device operation and the nominal average output current will be
proportional to the average voltage at the output of the filter, which is directly proportional to the
duty cycle. (See Figure 3 - High frequency PWM operating waveforms). For best results, the PWM
frequency should be maintained above the minimum specified value of 10kHz, in order to
minimize ripple at the output of the filter. The shutdown comparator has approximately 50mV of
hysteresis, to minimize erratic switching due to this ripple. An upper PWM frequency limit of
approximately one tenth of the operating frequency is recommended, to avoid excessive output
modulation and to avoid injecting excessive noise into the internal reference.
Figure 3 High frequency PWM operating waveforms
The nominal average value of output current in this mode is given by:
IOUTnom ≈0.1DPWM/RS [for DPWM >0.16]
This mode will give minimum output ripple and reduced radiated emission, but with a reduced
dimming range (approx.5:1). The restricted dimming range is a result of the device being turned
off when the dc component on the filter output falls below 200mV.
PWM voltage
VADJ
Ton
0V
VADJ
Toff
200mV
0V
Output current
0.1/RS
0
IOUTnom
Filter output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com