Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA325 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATMEGA325
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATMEGA325 Datasheet HTML 72Page - ATMEL Corporation ATMEGA325 Datasheet HTML 73Page - ATMEL Corporation ATMEGA325 Datasheet HTML 74Page - ATMEL Corporation ATMEGA325 Datasheet HTML 75Page - ATMEL Corporation ATMEGA325 Datasheet HTML 76Page - ATMEL Corporation ATMEGA325 Datasheet HTML 77Page - ATMEL Corporation ATMEGA325 Datasheet HTML 78Page - ATMEL Corporation ATMEGA325 Datasheet HTML 79Page - ATMEL Corporation ATMEGA325 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 353 page
background image
76
ATmega325/3250/645/6450
2570J–AVR–11/06
Alternate Functions of Port H
Port H is only present in ATmega3250/6450. The alternate pin configuration is as
follows:
The alternate pin configuration is as follows:
• PCINT23 – Port H, Bit 7
PCINT23, Pin Change Interrupt Source 23: The PH7 pin can serve as an external inter-
rupt source.
• PCINT22 – Port H, Bit 6
PCINT22, Pin Change Interrupt Source 22: The PH6 pin can serve as an external inter-
rupt source.
• PCINT21 – Port H, Bit 5
PCINT21, Pin Change Interrupt Source 21: The PH5 pin can serve as an external inter-
rupt source.
• PCINT20 – Port H, Bit 4
PCINT20, Pin Change Interrupt Source 20: The PH4 pin can serve as an external inter-
rupt source.
• PCINT19 – Port H, Bit 3
PCINT19, Pin Change Interrupt Source 19: The PH3 pin can serve as an external inter-
rupt source.
• PCINT18 – Port H, Bit 2
PCINT18, Pin Change Interrupt Source 18: The PH2 pin can serve as an external inter-
rupt source.
• PCINT17 – Port H, Bit 1
PCINT17, Pin Change Interrupt Source 17: The P1 pin can serve as an external inter-
rupt source.
• PCINT16 – Port H, Bit 0
PCINT16, Pin Change Interrupt Source 16: The PH0 pin can serve as an external inter-
rupt source.
Table 40. Port H Pins Alternate Functions
Port Pin
Alternate Function
PH7
PCINT23 (Pin Change Interrupt23)
PH6
PCINT22 (Pin Change Interrupt22)
PH5
PCINT21 (Pin Change Interrupt21)
PH4
PCINT20 (Pin Change Interrupt20)
PH3
PCINT19 (Pin Change Interrupt19)
PH2
PCINT18 (Pin Change Interrupt18)
PH1
PCINT17 (Pin Change Interrupt17)
PH0
PCINT16 (Pin Change Interrupt16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com