Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA325 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATMEGA325
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATMEGA325 Datasheet HTML 16Page - ATMEL Corporation ATMEGA325 Datasheet HTML 17Page - ATMEL Corporation ATMEGA325 Datasheet HTML 18Page - ATMEL Corporation ATMEGA325 Datasheet HTML 19Page - ATMEL Corporation ATMEGA325 Datasheet HTML 20Page - ATMEL Corporation ATMEGA325 Datasheet HTML 21Page - ATMEL Corporation ATMEGA325 Datasheet HTML 22Page - ATMEL Corporation ATMEGA325 Datasheet HTML 23Page - ATMEL Corporation ATMEGA325 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 353 page
background image
20
ATmega325/3250/645/6450
2570J–AVR–11/06
EEARH and EEARL – The
EEPROM Address Register
• Bits 15..11 – Res: Reserved Bits
These bits are reserved bits in the ATmega325/3250/645/6450 and will always read as
zero.
• Bits 10..0 – EEAR10..0: EEPROM Address
The EEPROM Address Registers – EEARH and EEARL specify the EEPROM address
in the 1/2K bytes EEPROM space. The EEPROM data bytes are addressed linearly
between 0 and 1023/2047. The initial value of EEAR is undefined. A proper value must
be written before the EEPROM may be accessed.
Note:
EEAR10 is only valid for ATmega645 and ATmega6450.
EEDR – The EEPROM Data
Register
• Bits 7..0 – EEDR7..0: EEPROM Data
For the EEPROM write operation, the EEDR Register contains the data to be written to
the EEPROM in the address given by the EEAR Register. For the EEPROM read oper-
ation, the EEDR contains the data read out from the EEPROM at the address given by
EEAR.
EECR – The EEPROM Control
Register
• Bits 7..4 – Res: Reserved Bits
These bits are reserved bits in the ATmega325/3250/645/6450 and will always read as
zero.
• Bit 3 – EERIE: EEPROM Ready Interrupt Enable
Writing EERIE to one enables the EEPROM Ready Interrupt if the I bit in SREG is set.
Writing EERIE to zero disables the interrupt. The EEPROM Ready interrupt generates a
constant interrupt when EEWE is cleared.
• Bit 2 – EEMWE: EEPROM Master Write Enable
The EEMWE bit determines whether setting EEWE to one causes the EEPROM to be
written. When EEMWE is set, setting EEWE within four clock cycles will write data to the
EEPROM at the selected address If EEMWE is zero, setting EEWE will have no effect.
When EEMWE has been written to one by software, hardware clears the bit to zero after
four clock cycles. See the description of the EEWE bit for an EEPROM write procedure.
• Bit 1 – EEWE: EEPROM Write Enable
Bit
1514
13121110
9
8
0x22 (0x42)
–
–
–
–
–
EEAR10
EEAR9
EEAR8
EEARH
0x21 (0x41)
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
76
543
21
0
Read/Write
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
X
X
X
X
XXX
XX
XX
Bit
7
6
543
21
0
0x20 (0x40)
MSB
LSB
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543
210
0x1F (0x3F)
––––
EERIE
EEMWE
EEWE
EERE
EECR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
00000
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com