Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA325 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATMEGA325
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATMEGA325 Datasheet HTML 24Page - ATMEL Corporation ATMEGA325 Datasheet HTML 25Page - ATMEL Corporation ATMEGA325 Datasheet HTML 26Page - ATMEL Corporation ATMEGA325 Datasheet HTML 27Page - ATMEL Corporation ATMEGA325 Datasheet HTML 28Page - ATMEL Corporation ATMEGA325 Datasheet HTML 29Page - ATMEL Corporation ATMEGA325 Datasheet HTML 30Page - ATMEL Corporation ATMEGA325 Datasheet HTML 31Page - ATMEL Corporation ATMEGA325 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 353 page
background image
28
ATmega325/3250/645/6450
2570J–AVR–11/06
Notes:
1. These options should only be used when not operating close to the maximum fre-
quency of the device, and only if frequency stability at start-up is not important for the
application. These options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure fre-
quency stability at start-up. They can also be used with crystals when not operating
close to the maximum frequency of the device, and if frequency stability at start-up is
not important for the application.
Low-frequency Crystal
Oscillator
To use a 32.768 kHz watch crystal as the clock source for the device, the low-frequency
crystal Oscillator must be selected by setting the CKSEL Fuses to “0110” or “0111”. The
crystal should be connected as shown in Figure 13. When this Oscillator is selected,
start-up times are determined by the SUT Fuses as shown in Table 7 and CKSEL1..0 as
shown in Table 8.
Note:
1. This option should only be used if frequency stability at start-up is not important for
the application
Calibrated Internal RC
Oscillator
The calibrated Internal RC Oscillator by default provides a 8.0 MHz clock. The fre-
quency is nominal value at 3V and 25°C. The device is shipped with the CKDIV8 Fuse
programmed. See “System Clock Prescaler” on page 31 for more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as
shown in Table 9 on page 29. If selected, it will operate with no external components.
During reset, hardware loads the pre-programmed calibration value into the OSCCAL
Register and thereby automatically calibrates the RC Oscillator. The accuracy of this
calibration is shown as Factory calibration in Table 126 on page 297.
By changing the OSCCAL register from SW, see “OSCCAL – Oscillator Calibration Reg-
ister” on page 29, it is possible to get a higher calibration accuracy than by using the
factory calibration. The accuracy of this calibration is shown as User calibration in Table
126 on page 297.
When this Oscillator is used as the chip clock, the Watchdog Oscillator will still be used
for the Watchdog Timer and for the Reset Time-out. For more information on the pre-
programmed calibration value, see the section “Calibration Byte” on page 262.
Table 7. Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
SUT1..0
Additional Delay from Reset (V
CC = 5.0V)
Recommended Usage
00
14CK
Fast rising power or BOD enabled
01
14CK + 4.1 ms
Slowly rising power
10
14CK + 65 ms
Stable frequency at start-up
11
Reserved
Table 8. Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
CKSEL3..0
Start-up Time from
Power-down and Power-save
Recommended Usage
0110(1)
1K CK
0111
32K CK
Stable frequency at start-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com