Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA644 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATMEGA644
Description  8-bit Microcontroller with 64K Bytes In- System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA644 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATMEGA644 Datasheet HTML 72Page - ATMEL Corporation ATMEGA644 Datasheet HTML 73Page - ATMEL Corporation ATMEGA644 Datasheet HTML 74Page - ATMEL Corporation ATMEGA644 Datasheet HTML 75Page - ATMEL Corporation ATMEGA644 Datasheet HTML 76Page - ATMEL Corporation ATMEGA644 Datasheet HTML 77Page - ATMEL Corporation ATMEGA644 Datasheet HTML 78Page - ATMEL Corporation ATMEGA644 Datasheet HTML 79Page - ATMEL Corporation ATMEGA644 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 374 page
background image
76
2593L–AVR–02/07
ATmega644
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See ”Con-
figuring the Pin” on page 69 for more details about this feature.
12.3.2
Alternate Functions of Port A
The Port A has an alternate function as the address low byte and data lines for the External
Memory Interface.
• ADC7:0/PCINT7:0 – Port A, Bit 7:0
ADC7:0, Analog to Digital Converter, Channels 7:0.
PCINT7:0, Pin Change Interrupt source 7:0: The PA7:0 pins can serve as external interrupt
sources.
Table 12-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
ADC7 (ADC input channel 7)
PCINT7 (Pin Change Interrupt 7)
PA6
ADC6 (ADC input channel 6)
PCINT6 (Pin Change Interrupt 6)
PA5
ADC5 (ADC input channel 5)
PCINT5 (Pin Change Interrupt 5)
PA4
ADC4 (ADC input channel 4)
PCINT4 (Pin Change Interrupt 4)
PA3
ADC3 (ADC input channel 3)
PCINT3 (Pin Change Interrupt 3)
PA2
ADC2 (ADC input channel 2)
PCINT2 (Pin Change Interrupt 2)
PA1
ADC1 (ADC input channel 1)
PCINT1 (Pin Change Interrupt 1)
PA0
ADC0 (ADC input channel 0)
PCINT0 (Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com