Electronic Components Datasheet Search
  English  ▼

X  

AT80C51RB2-3CSIM Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT80C51RB2-3CSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSIM Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSIM Datasheet HTML 57Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 58Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 59Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 60Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 61Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 62Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 63Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 64Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
62
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 45. WDTPRG Register
WDTPRG - Watchdog Timer Out Register (0A7h)
Reset Value = XXXX X000
WDT During Power-down
and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in
Power-down mode the user does not need to service the WDT. There are 2 methods of
exiting Power-down mode: by a hardware reset or via a level activated external inter-
rupt which is enabled prior to entering Power-down mode. When Power-down is exited
with hardware reset, servicing the WDT should occur as normal, whenever the
T8xc51Rx2 is reset. Exiting Power-down with an interrupt is significantly different. The
interrupt is held low long enough for the oscillator to stabilize. When the interrupt is
brought high, the interrupt is serviced. To prevent the WDT from resetting the device
while the interrupt pin is held low, the WDT is not started until the interrupt is pulled high.
It is suggested that the WDT be reset during the interrupt service routine.
To ensure that the WDT does not overflow within a few states of exiting of power-down,
it is better to reset the WDT just before entering power-down.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the
T8xc51Rx2 while in Idle mode, the user should always set up a timer that will periodi-
cally exit Idle, service the WDT, and re-enter Idle mode.
7654
3210
-----
S2
S1
S0
Bit
Number
Bit
Mnemonic Description
7-
Reserved
The value read from this bit is undetermined. Do not try to set this bit.
6-
5-
4-
3-
2S2
WDT Time-out select bit 2
1S1
WDT Time-out select bit 1
0S0
WDT Time-out select bit 0
S2
S1
S0
Selected Time-out
00
0
(2
14 - 1) machine cycles, 16. 3 ms @ F
osc =12 MHz
00
1
(215 - 1) machine cycles, 32.7 ms @ F
osc=12 MHz
01
0
(2
16 - 1) machine cycles, 65. 5 ms @ F
osc=12 MHz
01
1
(2
17 - 1) machine cycles, 131 ms @ F
osc=12 MHz
10
0
(218 - 1) machine cycles, 262 ms @ F
osc=12 MHz
10
1
(2
19 - 1) machine cycles, 542 ms @ F
osc=12 MHz
11
0
(2
20 - 1) machine cycles, 1.05 s @ F
osc=12 MHz
11
1
(221 - 1) machine cycles, 2.09 s @ F
osc=12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com