Electronic Components Datasheet Search
  English  ▼

X  

AT80C51RB2-3CSIM Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT80C51RB2-3CSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSIM Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSIM Datasheet HTML 12Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 13Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 14Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 15Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 16Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 17Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 18Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 19Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
17
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 8. AUXR Register
AUXR - Auxiliary Register (8Eh)
Reset Value = XX0X 00’HSB.XRAM’0b (see Table 7)
Not bit addressable
765
43210
-
-
M0
-
XRS1
XRS0
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit
5M0
Pulse length
Cleared to stretch MOVX control: the RD and the WR pulse length is 6 clock
periods (default).
Set to stretch MOVX control: the RD and the WR pulse length is 30 clock periods.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit
3XRS1
XRAM Size
XRS1
XRS0
XRAM Size
0
0
256 bytes (default)
0
1
512 bytes
1
0
768 bytes
1
1
1024 bytes
2XRS0
1EXTRAM
EXTRAM bit
Cleared to access internal XRAM using MOVX @ Ri/ @ DPTR.
Set to access external memory.
Programmed by hardware after Power-up regarding Hardware Security Byte
(HSB), default setting, XRAM selected.
0AO
ALE Output bit
Cleared, ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if
X2 mode is used) (default). Set, ALE is active only if a MOVX or MOVC
instruction is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com